Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G07GD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC3G07GD
Description  Triple buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G07GD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC3G07GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 9Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 10Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVC3G07_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 16 June 2008
7 of 16
NXP Semiconductors
74LVC3G07
Triple buffer with open-drain output
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLZ and tPZL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
2.9
6.7
1.0
8.4
ns
VCC = 2.3 V to 2.7 V
0.5
1.7
4.3
0.5
5.5
ns
VCC = 2.7 V
1.0
2.3
4.2
1.0
5.3
ns
VCC = 3.0 V to 3.6 V
0.5
2.1
3.7
0.5
4.7
ns
VCC = 4.5 V to 5.5 V
0.5
1.5
2.9
0.5
3.7
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-
6.5
-
-
-
pF
Measurement points are given in Table 9.
VOL is the typical output voltage drop that occur with the output load.
Fig 8.
The input (nA) to output (nY) propagation delays
mna528
tPLZ
VX
nY output
nA input
VI
VCC
VM
VM
VOL
GND
tPZL
VM


Similar Part No. - 74LVC3G07GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC3G07GF NEXPERIA-74LVC3G07GF Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
74LVC3G07GN NEXPERIA-74LVC3G07GN Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
   Triple buffer with open-drain output
Rev. 11-9 April 2013
logo
Nexperia B.V. All right...
74LVC3G07GS NEXPERIA-74LVC3G07GS Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74LVC3G07GT PHILIPS-74LVC3G07GT Datasheet
78Kb / 14P
   Triple buffer with open-drain output
Rev. 03-01 February 2005
More results

Similar Description - 74LVC3G07GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G07 PHILIPS-74LVC3G07 Datasheet
78Kb / 14P
   Triple buffer with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G07-Q100 NEXPERIA-74LVC3G07-Q100 Datasheet
202Kb / 11P
   Triple buffer with open-drain output
logo
NXP Semiconductors
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
   Triple buffer with open-drain output
Rev. 11-9 April 2013
logo
Nexperia B.V. All right...
74LVC3G07 NEXPERIA-74LVC3G07 Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
logo
Nexperia B.V. All right...
74AUP3G07 NEXPERIA-74AUP3G07 Datasheet
792Kb / 18P
   Low-power triple buffer with open-drain output
logo
STMicroelectronics
74V2G07 STMICROELECTRONICS-74V2G07 Datasheet
199Kb / 9P
   TRIPLE BUFFER (OPEN DRAIN)
November 2001
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com