Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC74A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC74A
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC74A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC74A Datasheet HTML 6Page - NXP Semiconductors 74LVC74A Datasheet HTML 7Page - NXP Semiconductors 74LVC74A Datasheet HTML 8Page - NXP Semiconductors 74LVC74A Datasheet HTML 9Page - NXP Semiconductors 74LVC74A Datasheet HTML 10Page - NXP Semiconductors 74LVC74A Datasheet HTML 11Page - NXP Semiconductors 74LVC74A Datasheet HTML 12Page - NXP Semiconductors 74LVC74A Datasheet HTML 13Page - NXP Semiconductors 74LVC74A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74LVC74A_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 4 June 2007
10 of 16
NXP Semiconductors
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
12. Package outline
Fig 10. Package outline SOT108-1 (SO14)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-1
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
076E06
MS-012
pin 1 index
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
99-12-27
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - 74LVC74A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Nexperia B.V. All right...
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LVC74ABQ NEXPERIA-74LVC74ABQ Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LVC74ABQ-Q100 NEXPERIA-74LVC74ABQ-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
More results

Similar Description - 74LVC74A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com