Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C24994-24LTXIT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C24994-24LTXIT
Description  PSoC짰 Programmable System-on-Chip
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24994-24LTXIT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C24994-24LTXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C24994-24LTXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C24994-24LTXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C24994-24LTXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C24994-24LTXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C24994-24LTXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C24994-24LTXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C24994-24LTXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C24994-24LTXIT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
CY8C24094, CY8C24794
CY8C24894, CY8C24994
Document Number: 38-12018 Rev. *U
Page 8 of 50
7. Document Conventions
7.1 Acronyms Used
The following table lists the acronyms that are used in this
document.
7.2 Units of Measure
A units of measure table is located in the Electrical Specifications
section. Table 10-1 on page 21 lists all the abbreviations used to
measure the PSoC devices.
7.3 Numeric Naming
Hexadecimal numbers are represented with all letters in
uppercase with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexadecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended lowercase ‘b’ (for example, ‘01010100b’ or
‘01000011b’). Numbers not indicated by an ‘h’ or ‘b’ are decimal.
Acronym
Description
AC
alternating current
ADC
analog-to-digital converter
API
application programming interface
CPU
central processing unit
CT
continuous time
DAC
digital-to-analog converter
DC
direct current
ECO
external crystal oscillator
EEPROM electrically erasable programmable read-only
memory
FSR
full scale range
GPI/O
general purpose I/O
GUI
graphical user interface
HBM
human body model
ICE
in-circuit emulator
ILO
internal low speed oscillator
IMO
internal main oscillator
I/O
input/output
IPOR
imprecise power on reset
LSb
least-significant bit
LVD
low voltage detect
MSb
most-significant bit
PC
program counter
PLL
phase-locked loop
POR
power on reset
PPOR
precision power on reset
PSoC®
Programmable System-on-Chip™
PWM
pulse width modulator
SC
switched capacitor
SRAM
static random access memory
[+] Feedback


Similar Part No. - CY8C24994-24LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994-24LTXIT CYPRESS-CY8C24994-24LTXIT Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C24994-24LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com