Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3GU04GD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC3GU04GD
Description  Triple inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3GU04GD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC3GU04GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 9Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 10Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 11Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 12Page - NXP Semiconductors 74LVC3GU04GD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74LVC3GU04_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 11 November 2009
9 of 17
NXP Semiconductors
74LVC3GU04
Triple inverter
13. Additional characteristics
14. Application information
Remark: All values given are typical values unless otherwise specified.
Tamb =25 °C.
Fig 10. Test set-up for measuring forward
transconductance
Fig 11. Typical forward transconductance as
a function of supply voltage
mna050
VCC
Rbias = 560 kΩ
input
0.47
µF
100
µF
output
A
GND
IO
VI
(f = 1 kHz)
02
13
5
6
VCC (V)
160
120
40
0
80
4
gfs
(mA/V)
mnb108
g
fs
I
O
V
I
---------
=
ZL >10kΩ
R1
≥ 3kΩ
R2
≤ 1MΩ
Open loop gain: Gol =20
Voltage gain:
Vo(p-p) =VCC − 1.5 V centered at 0.5 × VCC
Unity gain bandwidth product is 5 MHz.
C1 = 47 pF
C2 = 22 pF
R1 = 1 M
Ω to 10 MΩ
R2 optimum value depends on the frequency and
required stability against changes in VCC or average
minimum ICC (ICC = 2 mA at VCC = 3.3 V and
f = 10 MHz).
Fig 12. Linear amplifier application
Fig 13. Crystal oscillator application
U04
R1
R2
VCC
ZL
mna052
1
µF
mna053
U04
out
R2
R1
C1
C2
G
v
G
ol
1
R1
R2
------- 1G
ol
+
()
+
---------------------------------------
=


Similar Part No. - 74LVC3GU04GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3GU04GM NXP-74LVC3GU04GM Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3GU04GN NEXPERIA-74LVC3GU04GN Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
74LVC3GU04GS NEXPERIA-74LVC3GU04GS Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
logo
NXP Semiconductors
74LVC3GU04GT NXP-74LVC3GU04GT Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3GU04GT NEXPERIA-74LVC3GU04GT Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
More results

Similar Description - 74LVC3GU04GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com