Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC595AD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC595AD
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC595AD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC595AD Datasheet HTML 7Page - NXP Semiconductors 74LVC595AD Datasheet HTML 8Page - NXP Semiconductors 74LVC595AD Datasheet HTML 9Page - NXP Semiconductors 74LVC595AD Datasheet HTML 10Page - NXP Semiconductors 74LVC595AD Datasheet HTML 11Page - NXP Semiconductors 74LVC595AD Datasheet HTML 12Page - NXP Semiconductors 74LVC595AD Datasheet HTML 13Page - NXP Semiconductors 74LVC595AD Datasheet HTML 14Page - NXP Semiconductors 74LVC595AD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74LVC595A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 May 2007
11 of 19
NXP Semiconductors
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Measurement points are given in Table 8.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig 9.
The data set-up and hold times for the serial data input (DS)
mna560
GND
GND
th
tsu
th
tsu
VM
VM
VM
VI
VOH
VOL
VI
Q
7S output
SH
CP input
D
S input
Measurement points are given in Table 8.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig 10. The master reset (MR) to storage clock (STCP) set-up times
001aaf571
MR input
STCP input
Qn outputs
tsu
VM
VI
VI
GND
GND
VOH
VOL
VM
VM


Similar Part No. - 74LVC595AD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC595AD NEXPERIA-74LVC595AD Datasheet
299Kb / 18P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
More results

Similar Description - 74LVC595AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
74LVC8T595 NEXPERIA-74LVC8T595 Datasheet
348Kb / 33P
   Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com