Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC16374ADL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC16374ADL
Description  16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC16374ADL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC16374ADL Datasheet HTML 3Page - NXP Semiconductors 74LVC16374ADL Datasheet HTML 4Page - NXP Semiconductors 74LVC16374ADL Datasheet HTML 5Page - NXP Semiconductors 74LVC16374ADL Datasheet HTML 6Page - NXP Semiconductors 74LVC16374ADL Datasheet HTML 7Page - NXP Semiconductors 74LVC16374ADL Datasheet HTML 8Page - NXP Semiconductors 74LVC16374ADL Datasheet HTML 9Page - NXP Semiconductors 74LVC16374ADL Datasheet HTML 10Page - NXP Semiconductors 74LVC16374ADL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74LVC_LVCH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 23 March 2010
7 of 19
NXP Semiconductors
74LVC16374A; 74LVCH16374A
16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
Above 60
°C the value of P
tot derates linearly with 5.5 mW/K.
[4]
Above 70
°C the value of P
tot derates linearly with 1.8 mW/K.
8.
Recommended operating conditions
9.
Static characteristics
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
(T)SSOP48 package
[3] -500
mW
HXQFN60U package
[4] -1000
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
3.6
V
functional
1.2
-
-
V
VI
input voltage
0
-
5.5
V
VO
output voltage
active mode
0
-
VCC
V
power-down mode; VCC =0V
0
-
5.5
V
Tamb
ambient temperature
−40
-
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
0
-
20
ns/V
VCC = 2.7 V to 3.6 V
0
-
10
ns/V
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
VCC
--
VCC
-V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 1.2 V
-
-
GND
-
GND
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = −100 μA;
VCC = 2.7 V to 3.6 V
VCC − 0.2
-
VCC − 0.3
-
V
IO = −12 mA; VCC = 2.7 V
VCC − 0.5
-
-
VCC − 0.65
-
V
IO = −18 mA; VCC = 3.0 V
VCC − 0.6
-
-
VCC − 0.75
-
V
IO = −24 mA; VCC = 3.0 V
VCC − 0.8
-
-
VCC − 1.0
-
V


Similar Part No. - 74LVC16374ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16374ADL PHILIPS-74LVC16374ADL Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
More results

Similar Description - 74LVC16374ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16374A PHILIPS-74LVC16374A Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32374A PHILIPS-74LVCH32374A Datasheet
77Kb / 16P
   32-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com