Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2829-B0YAB Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2829-B0YAB
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829-B0YAB Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2829-B0YAB Datasheet HTML 1Page - Micrel Semiconductor MIC2829-B0YAB Datasheet HTML 2Page - Micrel Semiconductor MIC2829-B0YAB Datasheet HTML 3Page - Micrel Semiconductor MIC2829-B0YAB Datasheet HTML 4Page - Micrel Semiconductor MIC2829-B0YAB Datasheet HTML 5Page - Micrel Semiconductor MIC2829-B0YAB Datasheet HTML 6Page - Micrel Semiconductor MIC2829-B0YAB Datasheet HTML 7Page - Micrel Semiconductor MIC2829-B0YAB Datasheet HTML 8Page - Micrel Semiconductor MIC2829-B0YAB Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
MIC2829
3G/4G HEDGE/LTE PMIC with
Six Buck Converters, Eleven LDOs
and SIM Card Level Translation
HyperLight Load is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2010
M9999-051410-B
General Description
The MIC2829 is a highly integrated Power Management
Integrated
Circuit
(PMIC)
designed
for
3G/4G
(HEDGE/LTE and WiMAX) USB wireless applications. It is
a complete power management solution which provides
power
to
processors,
dual
standard
RF
(such
as
HEDGE/LTE
or
WiMAX)
transceivers
and
power
amplifiers, memory, USB-PHY associated I/O interfaces
and other system requirements.
The MIC2829 incorporates six DC/DC buck converters,
eleven LDOs and digital level shifters for SIM Card support
inside a single package. Four of the six integrated DC/DC
buck converters incorporate HyperLight Load
TM
(HLL)
technology. Each of these buck regulators operate at high
switching speed in PWM mode (4MHz/2.5MHz) and
maintain high efficiency in light load conditions. The high
speed PWM operation allows the use of very small
inductors and capacitors minimizing board area while the
HLL mode enables 87% efficiency at 1mA. HyperLight
Load
TM
technology also has unmatched load transient
response
to
support
advance
portable
processor
requirements.
The remaining two DC/DC buck converters support 100%
duty cycle operation and can deliver greater than 96%
efficiency. This allows pre-regulation of system LDOs for
high efficiency power system partitioning.
The MIC2829 has eleven low dropout regulators (LDOs).
Five general purpose LDOs provide low dropout, excellent
output accuracy of ±3% and only require 40µA of ground
current for each to operate. The remaining six are high
performance Low Noise Regulators (LNRs) which provide
high PSRR and low output noise for sensitive RF
subsystems. Each LNR requires only 20µA of ground
current to operate. The MIC2829 also has three high
speed level shifters for digital SIM Card signal translation
and a 50mA SIM power supply.
The MIC2829 is available in a 76-pin 5.5mm x 5.5mm LGA
and an 85-pin 5.5mm x 5.5mm FBGA package. The
operating junction temperature range for both packages is
from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s website at: www.micrel.com.
Features
• Input voltage range: 2.7V to 5.5V
Six DC Step-Down Regulators
• Four HyperLight LoadTM step-down regulators
- Low quiescent current – typical 40µA
- DC1: 4MHz / 1000mA
- DC2: 4MHz / 300mA (with voltage scaling)
- DC3: 2.5MHz / 600mA
- DC4: 4MHz / 600mA (with adjustable delay POR)
• Two PWM step-down regulators
- DC5 and DC6: Fixed 2MHz / 800mA
- 100% duty cycle
Eleven Low Dropout Regulators (LDOs)
• Five general purpose 200mA LDOs (LDO1-4, LDO11)
- LDO3: 38mV dropout at 100mA
- LDO2 and LDO4: 80mV dropout at 100mA
- LDO1 and LDO11: 115mV dropout at 100mA
- Output accuracy ± 3%
- 40µA ground current
• Six high performance 200mA LNRs (LDO5-10)
- High PSRR 70dB at 1kHz
- Low noise: 20µVRMS
- 40mV dropout at 100mA
- Output accuracy ± 3%
- 20µA ground current
• SIM card level translator
• SIM card power supply (50mA)
• Thermal shutdown and current limit protection
• UVLO – under voltage lockout protection
• 76-pin 5.5mm x 5.5mm LGA package
• 85-pin 5.5mm x 5.5mm FBGA package
• –40°C to +125°C operating junction temperature range
Applications
• 4G LTE USB modems
• 3G/4G (HEDGE/LTE) wireless chipsets
• WiMAX modems
• Express card modems
• UMPC/notebook PC wireless data communications
• Portable applications


Similar Part No. - MIC2829-B0YAB

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2821-4GJLYML MICREL-MIC2821-4GJLYML Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2821-4GMSYML MICREL-MIC2821-4GMSYML Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
   Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
More results

Similar Description - MIC2829-B0YAB

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
ECX-1000-POER VECOW-ECX-1000-POER Datasheet
445Kb / 2P
   SIM Sockets for WiFi/4G/3G/LTE/GPRS/UMTS
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
NimbeLink Corp.
NL-SIM-VER-M1 NIMBELINK-NL-SIM-VER-M1 Datasheet
3Mb / 6P
   Verizon 4G LTE Cat M1 SIM Card
Rev.02
logo
Taoglas antenna solutio...
MA140.A.LB.001 TAOGLAS-MA140.A.LB.001_19 Datasheet
1Mb / 26P
   Olympian 2in1 LTE 4G/3G/2G
logo
Pulse A Technitrol Comp...
W1919 PULSE-W1919 Datasheet
1Mb / 24P
   3G/4G LTE 2xMiMo Vehicular Antenna
logo
Suzhou Maswell Communic...
AN_GSM_915 MASWELL-AN_GSM_915 Datasheet
543Kb / 3P
   Ceiling antenna for 4G LTE, 3G and Wifi coverage
logo
Vecow Co., Ltd.
IVH-9008-POER VECOW-IVH-9008-POER Datasheet
436Kb / 2P
   Supports WiFi/4G/3G/LTE/GPRS/UMTS
IVH-9000-2R VECOW-IVH-9000-2R Datasheet
403Kb / 2P
   Supports WiFi/4G/3G/LTE/GPRS/UMTS
IVH-9016-POER VECOW-IVH-9016-POER Datasheet
463Kb / 2P
   Supports WiFi/4G/3G/LTE/GPRS/UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com