Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH16244B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVTH16244B
Description  3.3 V 16-bit buffer/driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH16244B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVTH16244B Datasheet HTML 7Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 8Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 9Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 10Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 11Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 12Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 13Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 14Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74LVT_LVTH16244B_8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 22 March 2010
11 of 18
NXP Semiconductors
74LVT16244B; 74LVTH16244B
3.3 V 16-bit buffer/driver; 3-state
12. Package outline
Fig 9.
Package outline SOT370-1 (SSOP48)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LL p
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.4
0.2
2.35
2.20
0.25
0.3
0.2
0.22
0.13
16.00
15.75
7.6
7.4
0.635
1.4
0.25
10.4
10.1
1.0
0.6
1.2
1.0
0.85
0.40
8
0
o
o
0.18
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT370-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
48
25
MO-118
24
1
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
pin 1 index
0
5
10 mm
scale
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
A
max.
2.8


Similar Part No. - 74LVTH16244B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B PHILIPS-74LVTH16244B Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVTH16244BBQ NXP-74LVTH16244BBQ Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVTH16244BDGG PHILIPS-74LVTH16244BDGG Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
More results

Similar Description - 74LVTH16244B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com