Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4303A Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4303A
Description  Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4303A Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4303A Datasheet HTML 1Page - ON Semiconductor NCP4303A Datasheet HTML 2Page - ON Semiconductor NCP4303A Datasheet HTML 3Page - ON Semiconductor NCP4303A Datasheet HTML 4Page - ON Semiconductor NCP4303A Datasheet HTML 5Page - ON Semiconductor NCP4303A Datasheet HTML 6Page - ON Semiconductor NCP4303A Datasheet HTML 7Page - ON Semiconductor NCP4303A Datasheet HTML 8Page - ON Semiconductor NCP4303A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2010
April, 2010 − Rev. 1
1
Publication Order Number:
NCP4303/D
NCP4303A/B
Secondary Side
Synchronous Rectification
Driver for High Efficiency
SMPS Topologies
The NCP4303A/B is a full featured controller and driver tailored to
control synchronous rectification circuitry in switch mode power
supplies. Thanks to its versatility, it can be used in various topologies
such as flyback, forward and Half Bridge Resonant LLC.
The combination of externally adjustable minimum on and off times
helps to fight the ringing induced by the PCB layout and other
parasitic elements. Therefore, a reliable and noise less operation of the
SR system is insured.
The extremely low turn off delay time, high sink current capability
of the driver and automatic package parasitic inductance
compensation system allow to maximize synchronous rectification
MOSFET conduction time that enables further increase of SMPS
efficiency.
Finally, a wide operating VCC range combined with two versions of
driver voltage clamp eases implementation of the SR system in 24 V
output applications.
Features
Self−Contained Control of Synchronous Rectifier in CCM, DCM,
and QR Flyback Applications
Precise True Secondary Zero Current Detection with Adjustable
Threshold
Automatic Parasitic Inductance Compensation Input
Typically 40 ns Turn off Delay from Current Sense Input to Driver
Zero Current Detection Pin Capability up to 200 V
Ultrafast Trigger Interface to External Signal for CCM operation
Disable Input to Enter Standby or Low Consumption Mode
Adjustable Minimum On Time Independent of VCC Level
Adjustable Minimum Off Time Independent of VCC Level
5 A / 2.5 A Peak Current Sink / Source Drive Capability
Operating Voltage Range up to 30 V
Gate Drive Clamp of Either 12 V (NCP4303A) or 6 V (NCP4303B)
Low Startup and Standby Current Consumption
Maximum Frequency of Operation up to 500 kHz
SOIC−8 Package
These are Pb−Free Devices
Typical Applications
Notebook Adapters
High Power Density AC/DC Power Supplies
Gaming Consoles
All SMPS with High Efficiency Requirements
Device
Package
Shipping
ORDERING INFORMATION
NCP4303ADR2G
SOIC−8
(Pb−Free)
2500 /
Tape & Reel
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAM
xx
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
http://onsemi.com
1
8
XXXXX
ALYWX
G
1
8
NCP4303BDR2G
SOIC−8
(Pb−Free)
2500 /
Tape & Reel
PINOUT INFORMATION
2
3
4
1
7
6
5
8
Trig/Disable
Min_Toff
VCC
Min_Ton
DRV
GND
COMP
CS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NCP4303A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
NCP4300A ONSEMI-NCP4300A Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300A ONSEMI-NCP4300A Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300AD ONSEMI-NCP4300AD Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
More results

Similar Description - NCP4303A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4304A ONSEMI-NCP4304A Datasheet
822Kb / 32P
   Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
March, 2013 ??Rev. 1
NCP4304 ONSEMI-NCP4304_16 Datasheet
484Kb / 32P
   Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
March, 2016 ??Rev. 6
NCP4304 ONSEMI-NCP4304 Datasheet
824Kb / 32P
   Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
September, 2012 ??Rev. 0
NCP4307 ONSEMI-NCP4307 Datasheet
980Kb / 42P
   Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
May, 2022 - Rev. 0
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com