Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16245B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVT16245B
Description  3.3 V 16-bit transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT16245B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVT16245B Datasheet HTML 4Page - NXP Semiconductors 74LVT16245B Datasheet HTML 5Page - NXP Semiconductors 74LVT16245B Datasheet HTML 6Page - NXP Semiconductors 74LVT16245B Datasheet HTML 7Page - NXP Semiconductors 74LVT16245B Datasheet HTML 8Page - NXP Semiconductors 74LVT16245B Datasheet HTML 9Page - NXP Semiconductors 74LVT16245B Datasheet HTML 10Page - NXP Semiconductors 74LVT16245B Datasheet HTML 11Page - NXP Semiconductors 74LVT16245B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74LVT_LVTH16245B_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 March 2010
8 of 19
NXP Semiconductors
74LVT16245B; 74LVTH16245B
3.3 V 16-bit transceiver; 3-state
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIK
input clamping voltage
VCC = 2.7 V; IIK = −18 mA
−1.2
−0.85
-
V
VOH
HIGH-level output voltage IOH = −100 μA; VCC = 2.7 V to 3.6 V
VCC − 0.2 VCC
-V
IOH = −8mA; VCC = 2.7 V
2.4
2.5
-
V
IOH = −32 mA; VCC = 3.0 V
2.0
2.3
-
V
VOL
LOW-level output voltage VCC = 2.7 V
IOL = 100 μA
-
0.07
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
II
input leakage current
control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
±1
μA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
μA
input/output data pins; VCC = 3.6 V
[2]
VI = 5.5 V
-
0.1
20
μA
VI = VCC
-0.5
10
μA
VI = 0 V
−5
−0.1
-
μA
IOFF
power-off leakage current VCC = 0 V; VI or VO = 0V to 4.5V
-
0.1
±100
μA
IBHL
bus hold LOW current
VCC = 3 V; VI = 0.8 V
[3] 75
135
-
μA
IBHH
bus hold HIGH current
VCC = 3 V; VI = 2.0 V
-
−135
−75
μA
IBHLO
bus hold LOW
overdrive current
nAn input; VI =0Vto3.6 V; VCC =3.6 V
500
-
-
μA
IBHHO
bus hold HIGH
overdrive current
nAn input; VI =0Vto3.6 V; VCC =3.6 V
-
-
−500
μA
ILO
output leakage current
output in HIGH-state when VO >VCC;
VO = 5.5 V; VCC =3.0 V
-
75
125
μA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC; VI = GND or
VCC; nOE = don’t care
[4] -40
±100
μA
ICC
supply current
VCC = 3.6 V; VI = GND or VCC; IO =0A
outputs HIGH
-
0.07
0.12
mA
outputs LOW
-
4.7
6.0
mA
outputs disabled
[5] -
0.07
0.12
mA
ΔI
CC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V; one input
at VCC − 0.6 V, other inputs at VCC or GND
[6] -0.1
0.2
mA
CI
input capacitance
pins nDIR and nOE, VO = 0V or 3.0V
-
3
-
pF


Similar Part No. - 74LVT16245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16245B PHILIPS-74LVT16245B Datasheet
78Kb / 10P
   3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16245B NEXPERIA-74LVT16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245BDGG PHILIPS-74LVT16245BDGG Datasheet
78Kb / 10P
   3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16245BDGG NEXPERIA-74LVT16245BDGG Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
Texas Instruments
74LVT16245BDGGRE4 TI-74LVT16245BDGGRE4 Datasheet
603Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVT16245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com