Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4303ADR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4303ADR2G
Description  Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4303ADR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4303ADR2G Datasheet HTML 1Page - ON Semiconductor NCP4303ADR2G Datasheet HTML 2Page - ON Semiconductor NCP4303ADR2G Datasheet HTML 3Page - ON Semiconductor NCP4303ADR2G Datasheet HTML 4Page - ON Semiconductor NCP4303ADR2G Datasheet HTML 5Page - ON Semiconductor NCP4303ADR2G Datasheet HTML 6Page - ON Semiconductor NCP4303ADR2G Datasheet HTML 7Page - ON Semiconductor NCP4303ADR2G Datasheet HTML 8Page - ON Semiconductor NCP4303ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
NCP4303A/B
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC
= 12 V, Cload = 0 nF, R_min_ton = R_min_toff = 10 kW, Vtrig = 0 V, f_CS = 100 kHz, DC_CS = 50%, VCS_high = 4 V, VCS_low=−1 V unless
otherwise noted)
Symbol
Rating
Pin
Min
Typ
Max
Unit
SUPPLY SECTION
VCC_on
Turn−on threshold level (VCC going up)
1
9.3
9.9
10.5
V
VCC_off
Minimum operating voltage after turn−on (VCC going down)
1
8.3
8.9
9.5
V
VCC_hyste
VCC hysteresis
1
0.8
1.0
1.3
V
ICC1_A
ICC1_B
Internal IC consumption (no output load on pin 8, Fsw = 500 kHz, RTon_min
= RToff_min = 5 kW)
1
4.7
4
mA
ICC2_A
ICC2_B
Internal IC consumption (Cload = 1 nF on pin 8, Fsw = 400 kHz, RTon_min =
RToff_min = 5 kW)
1
9.3
6.4
mA
ICC3_A
ICC3_B
Internal IC consumption (Cload = 10 nF on pin 8, Fsw = 400 kHz, RTon_min =
RToff_min = 5 kW)
1
54
34
mA
ICC_SDM
Startup current consumption (VCC = VCC_on − 0.1 V) and consumption
during light load (disable) mode, (Fsw = 500 kHz, Vtrig = 5 V)
1
390
550
mA
ICC_SDM NS
Startup current consumption (VCC = VCC_on − 0.1 V) and consumption
during light load (disable) mode, (Vcs = 0 V, Vtrig = 5 V)
1
280
450
mA
DRIVE OUTPUT
tr_A
Output voltage rise−time for A version (Cload = 10 nF), (Note 3)
8
120
ns
tr_B
Output voltage rise−time for B version (Cload = 10 nF), (Note 3)
8
80
ns
tf_A
Output voltage fall−time for A version (Cload = 10 nF), (Note 3)
8
50
ns
tf_B
Output voltage fall−time for B version (Cload = 10 nF), (Note 3)
8
35
ns
Roh
Driver source resistance (Note 3)
8
1.8
7
W
Rol
Driver sink resistance
8
1
2
W
IDRV_pk(source) Output source peak current (Note 3)
8
2.5
A
IDRV_pk(sink)
Output sink peak current (Note 3)
8
5
A
VDRV(H)_A
Driver high level output voltage on A version (Cload = 1 nF)
8
10
V
VDRV(H)_A
Driver high level output voltage on A version (Cload = 10 nF)
8
11.8
V
VDRV(H)_B
Driver high level output voltage on B version (Cload = 1 nF)
8
5
V
VDRV(H)_B
Driver high level output voltage on B version (Cload = 10 nF)
8
6
V
VDRV(min_A)
Minimum drive output voltage for A version (VCC = VCC_off + 200 mV)
8
8.3
V
VDRV(min_B)
Minimum drive output voltage for B version (VCC = VCC_off + 200 mV)
8
4.5
V
VDRV(CLMP_A) Driver clamp voltage for A version, (12 V < VCC < 28 V, minimum Cload =
1 nF)
8
12
16
V
VDRV(CLMP_B) Driver clamp voltage for B version, (12 V < VCC < 28 V, minimum Cload =
1 nF)
8
7
8.3
V
CS INPUT
Tpd_on
The total propagation delay from CS input to DRV output turn on (VCS goes
down from 4 V to −1 V, tf_CS = 5 ns, COMP pin connected to GND)
5, 8
60
90
ns
Tpd_off
The total propagation delay from CS input to DRV output turn off (VCS goes
up from −1 V to 4 V, tr_CS = 5 ns, COMP pin connected to GND), (Note 3)
5, 8
40
55
ns
Ishift_CS
Current sense input current source (VCS = 0 V)
5
95
100
105
mA
Vth_cs_on
Turn on current sense input threshold voltage
5, 8
−120
−85
−50
mV
Vth_cs_off
Current sense pin turn off threshold voltage, COMP pin connected to GND
(Note 3)
5, 8
−1
0
mV
Gcomp
Compensation inverter gain (Note 3)
5,6,8
−1
3. Guaranteed by design.


Similar Part No. - NCP4303ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
NCP4300A ONSEMI-NCP4300A Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300A ONSEMI-NCP4300A Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300AD ONSEMI-NCP4300AD Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
More results

Similar Description - NCP4303ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4304A ONSEMI-NCP4304A Datasheet
822Kb / 32P
   Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
March, 2013 ??Rev. 1
NCP4304 ONSEMI-NCP4304_16 Datasheet
484Kb / 32P
   Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
March, 2016 ??Rev. 6
NCP4304 ONSEMI-NCP4304 Datasheet
824Kb / 32P
   Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
September, 2012 ??Rev. 0
NCP4307 ONSEMI-NCP4307 Datasheet
980Kb / 42P
   Secondary Side Synchronous Rectification Driver for High Efficiency SMPS Topologies
May, 2022 - Rev. 0
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com