Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ3GE0102Y Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJ3GE0102Y
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ3GE0102Y Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJ3GE0102Y Datasheet HTML 1Page - Panasonic Semiconductor ERJ3GE0102Y Datasheet HTML 2Page - Panasonic Semiconductor ERJ3GE0102Y Datasheet HTML 3Page - Panasonic Semiconductor ERJ3GE0102Y Datasheet HTML 4Page - Panasonic Semiconductor ERJ3GE0102Y Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
Thick film
resistive element
Electrode (Outer)
–40 –20 0 20 40 60 80 100 120 140 160
0
180
–60
155
°C
70
°C
Ambient Temperature (
°C)
20
40
60
80
100
–55
°C
2G, 3G, 6G, 8G,
14, 12, 12Z, 1T
XG, 1G
125
°C
a
b
t
W
L
Construction
Dimensions in mm (not to scale)
Type
(inches)
Dimensions (mm)
Mass (Weight)
(g/1000 pcs.)
LWa
b
t
ERJXG
(01005)
0.40
±0.02
0.20
±0.02
0.10
±0.03
0.10
±0.03
0.13
±0.02
0.04
ERJ1G
(0201)
0.60
±0.03
0.30
±0.03
0.10
±0.05
0.15
±0.05
0.23
±0.03
0.15
ERJ2G
(0402)
1.00
±0.05
0.50
±0.05
0.20
±0.10
0.25
±0.05
0.35
±0.05
0.8
ERJ3G
(0603)
1.60
±0.15
0.80
+0.15
0.30
±0.20
0.30
±0.15
0.45
±0.10
2
ERJ6G
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.20
0.40
±0.20
0.60
±0.10
4
ERJ8G
(1206)
3.20
+0.05
1.60
+0.05
0.50
±0.20
0.50
±0.20
0.60
±0.10
10
ERJ14
(1210)
3.20
±0.20
2.50
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
16
ERJ12
(1812)
4.50
±0.20
3.20
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
27
ERJ12Z
(2010)
5.00
±0.20
2.50
±0.20
0.60
±0.20
0.60
±0.20
0.60
±0.10
27
ERJ1T
(2512)
6.40
±0.20
3.20
±0.20
0.65
±0.20
0.60
±0.20
0.60
±0.10
45
–0.05
–0.15
–0.20
Type
(inches)
Power Rating
at 70 °C (W)
Limiting Element
Voltage (Maximum
RCWV)
(1) (V)
Maximum Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
( )
T.C.R.
[ 10
–6/°C
(ppm/°C)]
Category Temperature
Range (Operating
Temperature Range)
(°C)
ERJXG
(01005)
0.031
15
30
±5
4.7 to 1 M (E24)
<10 : –100 to +600
10 to 100 : ±300
100 < : ±200
–55 to +125
ERJ1G
(0201)
0.05
25
50
±5
1 to 10 M (E24)
<10
:
–100 to +600
10
to 1 M :
±200
1 M <:
–400 to +150
–55 to +125
ERJ2G
(0402)
0.1
50
100
±5
1 to 10 M (E24)
–55 to +155
ERJ3G
(0603)
0.1
75
150
±5
1 to 10 M (E24)
–55 to +155
ERJ6G
(0805)
0.125
150
200
±5
1 to 10 M (E24)
–55 to +155
ERJ8G
(1206)
0.25
200
400
±5
1 to 10 M (E24)
–55 to +155
ERJ14
(1210)
0.5
200
400
±5
1 to 10 M (E24)
–55 to +155
ERJ12
(1812)
0.75
200
500
±5
1 to 10 M (E24)
–55 to +155
ERJ12Z
(2010)
0.75
200
500
±5
1 to 10 M (E24)
–55 to +155
ERJ1T
(2512)
1200
500
±5
1 to 1 M (E24)
–55 to +155
Type
(inches)
Rated Current
(A)
Maximum Overload Current
(A)
ERJXG (01005)
0.5
1
ERJ1G (0201)
ERJ2G (0402)
12
ERJ3G (0603)
ERJ6G (0805)
24
ERJ8G (1206)
ERJ14
(1210)
ERJ12
(1812)
ERJ12Z (2010)
ERJ1T (2512)
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure below.
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= Power Rating
Resistance Values, or Limiting Element Voltage
(max. RCWV) listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 Power Rating or max. Overload Voltage listed above
whichever less.
Ratings
<For Resistor>
<For Jumper>
Jul. 2008


Similar Part No. - ERJ3GE0102Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ3GE0102Y PANASONIC-ERJ3GE0102Y Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results

Similar Description - ERJ3GE0102Y

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com