Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16374ADGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVT16374ADGG
Description  3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT16374ADGG Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT16374ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74LVT_LVTH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 22 March 2010
2 of 19
NXP Semiconductors
74LVT16374A; 74LVTH16374A
3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVT16374ADL
−40 °C to +85 °C
SSOP48
plastic shrink small outline package; 48 leads;
body width 7.5 mm
SOT370-1
74LVT16374ADGG
−40 °C to +85 °C
TSSOP48
plastic thin shrink small outline package;
48 leads; body width 6.1 mm
SOT362-1
74LVTH16374ADGG
74LVT16374AEV
−40 °C to +85 °C
VFBGA56
plastic very thin fine-pitch ball grid array
package; 56 balls; body 4.5
× 7 × 0.65 mm
SOT702-1
74LVTH16374ABQ
−40 °C to +85 °C
HXQFN60U
plastic thermal enhanced extremely thin quad
flat package; no leads; 60 terminals; UTLP
based; body 4
× 6 × 0.5 mm
SOT1134-1
Pin numbers are shown for SSOP48 and TSSOP48
packages only.
Pin numbers are shown for SSOP48 and TSSOP48
packages only.
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aac369
1CP
1OE
48
47
1D0
46
1D1
44
1D2
43
1D3
41
1D4
40
1D5
38
1D6
37
2
3
5
6
8
9
11
12
1D7
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6 1Q7
1
2CP
2OE
25
36
2D0
35
2D1
33
2D2
32
2D3
30
2D4
29
2D5
27
2D6
26
13
14
16
17
19
20
22
23
2D7
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6 2Q7
24
23
001aaa254
37
12
11
9
8
6
5
47
46
44
43
41
40
38
1D7
1D0
1D1
1D2
1D3
1D4
1D5
1D6
2
3
1Q7
1Q6
1Q5
1Q4
1Q3
1Q2
1Q0
1Q1
26
22
20
19
17
16
36
35
33
32
30
29
27
2D5
2D0
2D1
2D2
2D3
2D4
13
14
2Q5
2Q4
2Q3
2Q2
2Q1
2Q0
24
25
EN2
1OE
1
EN1
1CP
2OE
2CP
48
C3
C4
3D
1
4D
2D7
2D6
2Q7
2Q6
2


Similar Part No. - 74LVT16374ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16374ADGG PHILIPS-74LVT16374ADGG Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74LVT16374ADGG NEXPERIA-74LVT16374ADGG Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
More results

Similar Description - 74LVT16374ADGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com