Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6726BZDHA225 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMX320C6726BZDHA225
Description  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6726BZDHA225 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMX320C6726BZDHA225 Datasheet HTML 3Page - Texas Instruments TMX320C6726BZDHA225 Datasheet HTML 4Page - Texas Instruments TMX320C6726BZDHA225 Datasheet HTML 5Page - Texas Instruments TMX320C6726BZDHA225 Datasheet HTML 6Page - Texas Instruments TMX320C6726BZDHA225 Datasheet HTML 7Page - Texas Instruments TMX320C6726BZDHA225 Datasheet HTML 8Page - Texas Instruments TMX320C6726BZDHA225 Datasheet HTML 9Page - Texas Instruments TMX320C6726BZDHA225 Datasheet HTML 10Page - Texas Instruments TMX320C6726BZDHA225 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
2
Device Overview
2.1 Device Characteristics
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 2-1 provides an overview of the C672x DSPs. The table shows significant features of each device,
including the capacity of on-chip memory, the peripherals, the execution time, and the package type with
pin count.
Table 2-1. Characteristics of the C672x Processors
HARDWARE FEATURES
C6727B
C6726B
C6722B
C6720
dMAX
1
EMIF
1 (32-bit)
1 (16-bit)
1 (16-bit)
1 (16-bit)
Peripherals
UHPI
1
0
0
0
Not all peripheral pins are
3
available at the same
McASP
3
2
2
(McASP2 DIT only)
time. (For more details,
see the Device
SPI
2
Configurations section.)
I2C
2
RTI
1
32KB Program
32KB Program
32KB Program
32KB Program
Cache
Cache
Cache
Cache
On-Chip Memory
Size (KB)
256KB RAM
256KB RAM
128KB RAM
64KB RAM
384KB ROM
384KB ROM
384KB ROM
384KB ROM
Control Status Register
CPU ID + CPU Rev ID
0x0300
(CSR.[31:16])
Frequency
MHz
350, 300, 275, 250
266, 225
250, 225, 200
200
2.8 ns
(C6727B-350)
4 ns
3.3 ns
3.75 ns
(C6722B-250)
(C6727B-300)
(C6726B-266)
4.4 ns
5 ns
Cycle Time
ns
3.6 ns
4.4 ns
(C6722BA-225)(1)
(C6720-200)
(C6727B-275)
(C6726BA-225)(1)
5 ns
4 ns
(C6722B-200)
(C6727BA-250)(1)
133 (266-MHz
CPU Frequency)
EMIF Frequency
MHz
133
100
100
100 (225-MHz
CPU Frequency)
1.4 V
(C6727B-350)
1.2 V
Core (V)
1.2 V
(C6727B-300)
Voltage
(C6727B-275)
(C6727BA-250)(1)
I/O (V)
3.3 V
Prescaler
/1, /2, /3, ..., /32
Clock Generator Options
Multiplier
x4, x5, x6, ..., x25
Postscaler
/1, /2, /3, ..., /32
256-Terminal
PBGA (GDH)
17 x 17 mm
256-Terminal
Green PBGA
Packages (see Section 7)
(ZDH)
144-Pin PowerPAD 144-Pin PowerPAD 144-Pin PowerPAD
20 x 20 mm
Green TQFP
Green TQFP
Green TQFP
(RFP)
(RFP)
(RFP)
Process Technology
µm
0.13 µm
(1)
TMS320C6727BA-250, TMS320C6726BA-225, and TMS320C6722BA-225 are extended-temperature devices.
Submit Documentation Feedback
Device Overview
7


Similar Part No. - TMX320C6726BZDHA225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6726RFP TI-TMX320C6726RFP Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMX320C6726RFP TI-TMX320C6726RFP Datasheet
944Kb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results

Similar Description - TMX320C6726BZDHA225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com