Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ128DA206 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24FJ128DA206
Description  64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
Download  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128DA206 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ128DA206 Datasheet HTML 1Page - Microchip Technology PIC24FJ128DA206 Datasheet HTML 2Page - Microchip Technology PIC24FJ128DA206 Datasheet HTML 3Page - Microchip Technology PIC24FJ128DA206 Datasheet HTML 4Page - Microchip Technology PIC24FJ128DA206 Datasheet HTML 5Page - Microchip Technology PIC24FJ128DA206 Datasheet HTML 6Page - Microchip Technology PIC24FJ128DA206 Datasheet HTML 7Page - Microchip Technology PIC24FJ128DA206 Datasheet HTML 8Page - Microchip Technology PIC24FJ128DA206 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 408 page
background image
 2010 Microchip Technology Inc.
DS39969B-page 3
PIC24FJ256DA210 FAMILY
Graphics Controller Features:
• Three Graphics Hardware Accelerators to Facilitate
Rendering of Block Copying, Text and Unpacking of
Compressed Data
• Color Look-up Table (CLUT) with Maximum of 256 Entries
• 1/2/4/8/16 bits-per-pixel (bpp) Color Depth Set at
Run Time
• Display Resolution Programmable According to
Frame Buffer:
- Supports direct access to external memory on
devices with EPM
P
- Resolution supported is up to 480x272 @ 60 Hz,
16 bpp; 640x480 @ 30 Hz, 16 bpp or
640x480 @ 60 Hz, 8 bpp
• Supports Various Display Interfaces:
- 4/8/16-bit Monochrome STN
- 4/8/16-bit Color STN
- 9/12/18/24-bit Color TFT (18 and 24-bit displays
are connected as 16-bit, 5-6-5 RGB color format)
Universal Serial Bus Features:
• USB v2.0 On-The-Go (OTG) Compliant
• Dual Role Capable – Can act as either Host or Peripheral
• Low-Speed (1.5 Mbps) and Full-Speed (12 Mbps)
USB Operation in Host mode
• Full-Speed USB Operation in Device mode
• High-Precision PLL for USB
• Supports up to 32 Endpoints (16 bidirectional):
- USB module can use the internal RAM location
from 0x800 to 0xFFFF as USB endpoint buffers
• On-Chip USB Transceiver with Interface for Off-Chip
Transceiver
• Supports Control, Interrupt, Isochronous and Bulk
Transfers
• On-Chip Pull-up and Pull-Down Resistors
Peripheral Features:
• Enhanced Parallel Master Port/Parallel Slave Port
(EPMP/PSP), 100-pin devices only:
- Direct access from CPU with an Extended Data
Space (EDS) interface
- 4, 8 and 16-bit wide data bus
- Up to 23 programmable address lines
- Up to 2 chip select lines
- Up to 2 Acknowledgement lines (one per chip
select)
- Programmable address/data multiplexing
- Programmable address and data Wait states
- Programmable polarity on control signals
• Peripheral Pin Select:
- Up to 44 available pins (100-pin devices)
• Three 3-Wire/4-Wire SPI modules (supports 4 Frame
modes)
•Three I2C™ modules Supporting Multi-Master/Slave
modes and 7-Bit/10-Bit Addressing
•Four UART modules:
- Supports RS-485, RS-232, LIN/J2602 protocols
and IrDA®
• Five 16-Bit Timers/Counters with Programmable
Prescaler
• Nine 16-Bit Capture Inputs, each with a Dedicated Time
Base
• Nine 16-Bit Compare/PWM Outputs, each with a Dedi-
cated Time Base
• Hardware Real-Time Clock and Calendar (RTCC)
• Enhanced Programmable Cyclic Redundancy Check
(CRC) Generator
• Up to 5 External Interrupt Sources
PIC24FJ Device
Remappable Peripherals
PIC24FJ128DA106
64
128K
24K
29
5
9/9
4
3
3
16
3
Y
N
Y
Y
Y
PIC24FJ256DA106
64
256K
24K
29
5
9/9
4
3
3
16
3
Y
N
Y
Y
Y
PIC24FJ128DA110
100/121
128K
24K
44
5
9/9
4
3
3
24
3
Y
Y
Y
Y
Y
PIC24FJ256DA110
100/121
256K
24K
44
5
9/9
4
3
3
24
3
Y
Y
Y
Y
Y
PIC24FJ128DA206
64
128K
96K
29
5
9/9
4
3
3
16
3
Y
N
Y
Y
Y
PIC24FJ256DA206
64
256K
96K
29
5
9/9
4
3
3
16
3
Y
N
Y
Y
Y
PIC24FJ128DA210
100/121
128K
96K
44
5
9/9
4
3
3
24
3
Y
Y
Y
Y
Y
PIC24FJ256DA210
100/121
256K
96K
44
5
9/9
4
3
3
24
3
Y
Y
Y
Y
Y
64/100-Pin, 16-Bit Flash Microcontrollers
with Graphics Controller and USB On-The-Go (OTG)


Similar Part No. - PIC24FJ128DA206

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128DA206-I MICROCHIP-PIC24FJ128DA206-I Datasheet
156Kb / 3P
   PIC24FJ256DA210 FAMILY, 64-100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
More results

Similar Description - PIC24FJ128DA206

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128DA106-I MICROCHIP-PIC24FJ128DA106-I Datasheet
156Kb / 3P
   PIC24FJ256DA210 FAMILY, 64-100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB108-I MICROCHIP-PIC24FJ256GB108-I Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106-I MICROCHIP-PIC24FJ256GB106-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB110 MICROCHIP-PIC24FJ256GB110 Datasheet
5Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2008
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
   28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com