Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F66K22 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F66K22
Description  64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
Download  548 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F66K22 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F66K22 Datasheet HTML 7Page - Microchip Technology PIC18F66K22 Datasheet HTML 8Page - Microchip Technology PIC18F66K22 Datasheet HTML 9Page - Microchip Technology PIC18F66K22 Datasheet HTML 10Page - Microchip Technology PIC18F66K22 Datasheet HTML 11Page - Microchip Technology PIC18F66K22 Datasheet HTML 12Page - Microchip Technology PIC18F66K22 Datasheet HTML 13Page - Microchip Technology PIC18F66K22 Datasheet HTML 14Page - Microchip Technology PIC18F66K22 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 548 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39960B-page 11
PIC18F87K22 FAMILY
1.3
Details on Individual Family
Members
Devices in the PIC18F87K22 family are available in
64-pin and 80-pin packages. Block diagrams for the
two groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in these
ways:
• Flash Program Memory:
- PIC18FX5K22 (PIC18F65K22 and
PIC18F85K22) – 32 Kbytes
- PIC18FX6K22 (PIC18F66K22 and
PIC18F86K22) – 64 Kbytes
- PIC18FX7K22 (PIC18F67K22 and
PIC18F87K22) – 128 Kbytes
• Data RAM:
- All devices except PIC18FX5K22 – 4 Kbytes
- PIC18FX5K22 – 2 Kbytes
•I/O Ports:
- PIC18F6XK22 (64-pin devices) –
seven bidirectional ports
- PIC18F8XK22 (80-pin devices) –
nine bidirectional ports
• CCP modules:
- PIC18FX5K22 (PIC18F65K22 and
PIC18F85K22) – five CCP modules
- PIC18FX6K22 and PIC18FX7K22
(PIC18F66K22, PIC18F86K22,
PIC18F67K22, and PIC18F87K22) –
seven CCP modules
• Timer modules:
- PIC18FX5K22 (PIC18F65K22 and
PIC18F85K22) – Four 8-bit timer/counters
and four 16-bit timer/counters
- PIC18FX6K22 and PIC18FX7K22
(PIC18F66K22, PIC18F86K22,
PIC18F67K22, and PIC18F87K22) – six 8-bit
timer/counters and five 16-bit timer/counters
• A/D Channels:
- PIC18F6XK22 (64-pin devices) – 24 channels
- PIC18F8XK22 (80-pin devices) – 16 channels
All other features for devices in this family are identical.
These are summarized in Table 1-1 and Table 1-2.
The pinouts for all devices are listed in Table 1-3 and
Table 1-4.


Similar Part No. - PIC18F66K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F66K22 MICROCHIP-PIC18F66K22 Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
PIC18F66K22EMRQTP MICROCHIP-PIC18F66K22EMRQTP Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
PIC18F66K22EMRSQTP MICROCHIP-PIC18F66K22EMRSQTP Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
PIC18F66K22EPTQTP MICROCHIP-PIC18F66K22EPTQTP Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
More results

Similar Description - PIC18F66K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8723 MICROCHIP-PIC18F8723 Datasheet
1Mb / 60P
   64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F6627 MICROCHIP-PIC18F6627 Datasheet
7Mb / 444P
   64/80-Pin 1-Mbit Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F8722 MICROCHIP-PIC18F8722_1 Datasheet
7Mb / 448P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2004
PIC18F8722 MICROCHIP-PIC18F8722_08 Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com