Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSL4.5MDB Datasheet(PDF) 5 Page - Yamar Electronics Ltd.

Part # SFSL4.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL4.5MDB Datasheet(HTML) 5 Page - Yamar Electronics Ltd.

  SFSL4.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
5
DS-ISL40 R1.6
Figure 3.5 Sleep message
Change Frequency message:
This type of message consists of 5 bytes - sync break, sync field, “FE” Hex, “00” Hex and checksum.
The change frequency message identifier is “FE” Hex and the following data byte “00”Hex.
Upon reception of sync break, sync field, “FE” Hex and “00” Hex bytes the frequency changes from F1
to F0 or vise versa.
Figure 3.6 Frequency Change message
3.2
Power Management
The device features Sleep mode for power saving. Entering Sleep and waking up are done either
locally by dedicated pins, or remotely through activity over the bus.
3.2.1
Entering Sleep mode
The ISL40 can enter sleep mode in the following ways:
1. Local device lowers its nSleep pin.
2. Remote master SIG40 device can enter the ISL40 device into Sleep Mode from Normal mode by
transmitting the remote sleep message.
3. The AutoSleep pin is high and no reception occurred for about 8 seconds.
3.2.2
Remote wake up process
The ISL40 can wakeup by a remote SIG40 master or ISL40 device transmits a wakeup message over
the bus. During Sleep Mode, the ISL40 wakes up periodically to sense the bus for activity every
32mSec. If a wakeup message is detected, the ISL40 device raises pin INH and lowers pin HDO. If
nSleep pin is low upon remote waking up, the local device that lowered it must raise the nSleep back
high. Figure 3.6 shows the signals description.
Figure 3.7 - Wakeup from bus message
3.2.3
Wakeup from pin Wake
A transition on pin Wake (caused by an external switch of the application) is used to wake the device.
The device then enters Standby mode, raises pin INH, and transmits a wakeup message to the bus.
While transmitting the wakeup message to the bus, the device lowers pin HDO. After the transmission
is complete the device raises pin HDO. After the transmission is completed the device enters Normal
Sync break
Sync Field
0x3C
Zero byte/bytes
Checksum
INH
msg. detected
DC-BUS
Wakeup Message
Normal mode
HDO
Standby
Sync break
Sync Field
0xFE
Zero byte/bytes
Checksum


Similar Part No. - SFSL4.5MDB

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SFSL4.5MDB YAMAR-SFSL4.5MDB Datasheet
134Kb / 12P
   for DC-LIN Asynchronous Communication Over Noisy Lines
SFSL4.5MDB YAMAR-SFSL4.5MDB Datasheet
555Kb / 14P
   UART over Powerline for AC/DC-BUS Network
SFSL4.5MDB YAMAR-SFSL4.5MDB Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
More results

Similar Description - SFSL4.5MDB

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SIG40 YAMAR-SIG40 Datasheet
134Kb / 12P
   for DC-LIN Asynchronous Communication Over Noisy Lines
logo
Melexis Microelectronic...
MLX81150 MELEXIS-MLX81150 Datasheet
591Kb / 23P
   LIN-Slave for relay and DC motor control
MLX81100 MELEXIS-MLX81100 Datasheet
400Kb / 15P
   LIN Slave for FET Control
MLX80104 MELEXIS-MLX80104 Datasheet
3Mb / 100P
   LIN Slave Controller for Switches
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
   Mini LIN/LIN RGB Slave Controller
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
logo
NXP Semiconductors
UJA1023 NXP-UJA1023 Datasheet
1Mb / 49P
   LIN-I/O slave
Rev. 5-17 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com