Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSL6.5MDB Datasheet(PDF) 8 Page - Yamar Electronics Ltd.

Part # SFSL6.5MDB
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL6.5MDB Datasheet(HTML) 8 Page - Yamar Electronics Ltd.

Back Button SFSL6.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
8
DS-SIG40 R1.8
0[4]
nAuto sleep
R/W
1 0 = Automatically enters into Sleep Mode
when no reception from the DC line for 8 Sec.
1
0[6:5]
For future use
00
0[7]
Interference
R
1 Interference Detected indication
-
1[5:0]
F0, F1, bit rate select R/W
6 See Tables 4.2 and 4.3
“FF”H
1[7:6]
For future use
Should be “11”
11
4.3
SIG40 Configuration
The SIG40 operates at default with the following parameters:
Bit rate: 19.2 kbps
F0=5.5MHz, F1=6.5MHz
The following configuration bits set the operating frequencies according to table 4.2.
Table 4.2 – F0, F1 select
Control_register1
(3:0)
F0
F1
0000
3.58Mhz
4.5Mhz
0001
3.58Mhz
5.5Mhz
0010
3.58Mhz
6Mhz
0011
3.58Mhz
6.5Mhz
0100
4.5Mhz
5.5Mhz
0101
4.5Mhz
6Mhz
0110
4.5Mhz
6.5Mhz
0111
4.5Mhz
Reserved
1000
Reserved
Reserved
1001
5.5Mhz
Reserved
1010
5.5Mhz
Reserved
1011
6Mhz
Reserved
1100
6Mhz
Reserved
1101
6.5Mhz
Reserved
1110
6.5Mhz
Reserved
1111
5.5Mhz
6.5Mhz
Table 4.3 – bit rates select
Control_register_1
(5:4)
01 = 57.6Kbps
10 =
Reserved
00 = 38.4Kbps
11 = 19.2Kbps
4.3.1
Command Mode
When in command mode, the host can configure the device according to the desired operating
parameters. The device enters command mode when pin HDC is lowered to zero. When in command
mode, data on the HDI pin is not transmitted to the bus, but is used to configure the SIG40. The
command can be written in any of the allowed Bit Rates.
In order to write to a control register, the host sends two bytes. The first byte begins with the address of
the register followed by 5(hex), and the second byte is the configuration data, as shown in figure 4.2.
The bytes should be sent more than 200nSec after lowering HDC.
Higher nibble [7:4]
Lower nibble [3:0]
First Byte
Register Address
5(hex)
Second Byte
Configuration Data
Configuration Data
Table 4.4 - Write Command
Figure 4.3 shows the pins involved in the writing process:


Similar Part No. - SFSL6.5MDB

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SFSL6.5MDB YAMAR-SFSL6.5MDB Datasheet
169Kb / 12P
   Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
SFSL6.5MDB YAMAR-SFSL6.5MDB Datasheet
555Kb / 14P
   UART over Powerline for AC/DC-BUS Network
SFSL6.5MDB YAMAR-SFSL6.5MDB Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
More results

Similar Description - SFSL6.5MDB

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
ISL40 YAMAR-ISL40 Datasheet
169Kb / 12P
   Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
logo
UMC Corporation
UM82C450 UMC-UM82C450 Datasheet
1Mb / 15P
   ASYNCHRONOUS COMMUNICATION ELEMENT
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
logo
List of Unclassifed Man...
UM68681 ETC1-UM68681 Datasheet
58Kb / 1P
   Asynchronous Communication Interface Adapter
S6551 ETC-S6551 Datasheet
1Mb / 8P
   ASYNCHRONOUS COMMUNICATION INTERFACE ADAPTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com