Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDT6702 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZDT6702
Description  COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZDT6702 Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZDT6702 Datasheet HTML 1Page - Zetex Semiconductors ZDT6702 Datasheet HTML 2Page - Zetex Semiconductors ZDT6702 Datasheet HTML 3Page - Zetex Semiconductors ZDT6702 Datasheet HTML 4Page - Zetex Semiconductors ZDT6702 Datasheet HTML 5Page - Zetex Semiconductors ZDT6702 Datasheet HTML 6Page - Zetex Semiconductors ZDT6702 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZDT6702
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1997
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Internet:
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of
any product or service.
He
E
Lp
45°
o
3
c
A
A1
Dim
Millimetres
Inches
Min
Typ
Max
Min
Typ
Max
A
–
–
1.7
–
–
0.067
A1
0.02
–
0.1
0.0008
–
0.004
b
–
0.7
–
–
0.028
–
c
0.24
–
0.32
0.009
–
0.013
D
6.3
–
6.7
0.248
–
0.264
E
3.3
–
3.7
0.130
–
0.145
e1
–
4.59
–
–
0.180
–
e2
–
1.53
–
–
0.060
–
He
6.7
–
7.3
0.264
–
0.287
Lp
0.9
–
–
0.035
–
–
α
–
–
15°
–
–
15°
β
–
10°
–
–
10°
–


Similar Part No. - ZDT6702

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZDT6702 DIODES-ZDT6702 Datasheet
120Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
ZDT6702TA DIODES-ZDT6702TA Datasheet
125Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
ZDT6702 DIODES-ZDT6702_15 Datasheet
120Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
More results

Similar Description - ZDT6702

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT6705 ZETEX-ZDT6705 Datasheet
33Kb / 3P
   COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
ZDT6702 DIODES-ZDT6702_15 Datasheet
120Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
ZDT6702TA DIODES-ZDT6702TA Datasheet
125Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
ZDT6702 DIODES-ZDT6702 Datasheet
120Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
logo
Zilog, Inc.
ZDT6705TC ZILOG-ZDT6705TC Datasheet
38Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com