Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1054A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TJA1054A
Description  Fault-tolerant CAN transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1054A Datasheet(HTML) 1 Page - NXP Semiconductors

  TJA1054A Datasheet HTML 1Page - NXP Semiconductors TJA1054A Datasheet HTML 2Page - NXP Semiconductors TJA1054A Datasheet HTML 3Page - NXP Semiconductors TJA1054A Datasheet HTML 4Page - NXP Semiconductors TJA1054A Datasheet HTML 5Page - NXP Semiconductors TJA1054A Datasheet HTML 6Page - NXP Semiconductors TJA1054A Datasheet HTML 7Page - NXP Semiconductors TJA1054A Datasheet HTML 8Page - NXP Semiconductors TJA1054A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
The TJA1054A is the interface between the protocol controller and the physical bus wires
in a Controller Area Network (CAN). It is primarily intended for low-speed applications up
to 125 kBd in passenger cars. The device provides differential receive and transmit
capability but will switch to single-wire transmitter and/or receiver in error conditions.
The TJA1054A is the ElectroStatic Discharge (ESD) improved version of the TJA1054.
The TJA1054AT is, as the TJA1054T, pin and downwards compatible with the
PCA82C252T and the TJA1053T. This means that these two devices can be replaced by
the TJA1054AT or the TJA1054T with retention of all functions.
The most important improvements of the TJA1054 and the TJA1054A with respect to the
PCA82C252 and the TJA1053 are:
Very low ElectroMagnetic Emission (EME) due to a very good matching of the CANL
and CANH output signals
Good ElectroMagnetic Emission (EMI), especially in low power modes
Full wake-up capability during bus failures
Extended bus failure management including short-circuit of the CANH bus line to VCC
Support for easy system fault diagnosis
Two-edge sensitive wake-up input signal via pin WAKE
2.
Features
2.1 Optimized for in-car low-speed communication
I Baud rate up to 125 kBd
I Up to 32 nodes can be connected
I Supports unshielded bus wires
I Very low ElectroMagnetic Emission (EME) due to built-in slope control function and a
very good matching of the CANL and CANH bus outputs
I Good ElectroMagnetic Immunity (EMI) in normal operating mode and in low power
modes
I Fully integrated receiver filters
I Transmit Data (TxD) dominant time-out function
2.2 Bus failure management
I Supports single-wire transmission modes with ground offset voltages up to 1.5 V
TJA1054A
Fault-tolerant CAN transceiver
Rev. 05 — 29 September 2009
Product data sheet


Similar Part No. - TJA1054A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1054A PHILIPS-TJA1054A Datasheet
144Kb / 25P
   Fault-tolerant CAN transceiver
2004 Mar 23
TJA1054AT PHILIPS-TJA1054AT Datasheet
144Kb / 25P
   Fault-tolerant CAN transceiver
2004 Mar 23
TJA1054AU PHILIPS-TJA1054AU Datasheet
144Kb / 25P
   Fault-tolerant CAN transceiver
2004 Mar 23
More results

Similar Description - TJA1054A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com