Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1055T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TJA1055T
Description  Enhanced fault-tolerant CAN transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1055T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TJA1055T Datasheet HTML 5Page - NXP Semiconductors TJA1055T Datasheet HTML 6Page - NXP Semiconductors TJA1055T Datasheet HTML 7Page - NXP Semiconductors TJA1055T Datasheet HTML 8Page - NXP Semiconductors TJA1055T Datasheet HTML 9Page - NXP Semiconductors TJA1055T Datasheet HTML 10Page - NXP Semiconductors TJA1055T Datasheet HTML 11Page - NXP Semiconductors TJA1055T Datasheet HTML 12Page - NXP Semiconductors TJA1055T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TJA1055_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2009
9 of 26
NXP Semiconductors
TJA1055
Enhanced fault-tolerant CAN transceiver
8.
Limiting values
Mode 10 stands for: Pin STB = HIGH and pin EN = LOW.
(1) Mode change via input pins STB and EN.
(2) Mode change via input pins STB and EN; it should be noted that in the sleep mode pin INH is
inactive and possibly there is no VCC. Mode control is only possible if VCC of the transceiver is
active.
(3) Pin INH is activated and pins RXD and ERR are pulled LOW after wake-up via bus or input
pin WAKE.
(4) Transitions to normal mode clear the internal wake-up: wake-up interrupt flag and power-on flag
are cleared.
(5) Transitions to sleep mode: pin INH is deactivated.
Fig 3.
Mode control
mbk949
POWER-ON
STANDBY
10
NORMAL (4)
11
GOTO
SLEEP (5)
01
STANDBY
00
SLEEP
00
(1)
(2)
(3)
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+6
V
VBAT
battery supply voltage
−0.3
+58
V
VTXD
voltage on pin TXD
−0.3
VCC + 0.3
V
VRXD
voltage on pin RXD
−0.3
VCC + 0.3
V
VERR
voltage on pin ERR
−0.3
VCC + 0.3
V
VSTB
voltage on pin STB
−0.3
VCC + 0.3
V
VEN
voltage on pin EN
−0.3
VCC + 0.3
V
VCANH
voltage on pin CANH
VCC = 0 V to 5.0 V;
VBAT ≥ 0 V; no time
limit; with respect to
any other pin
−58
+58
V


Similar Part No. - TJA1055T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1050 PHILIPS-TJA1050 Datasheet
76Kb / 16P
   High speed CAN transceiver
1999 Sep 27
TJA1050 NXP-TJA1050 Datasheet
1Mb / 121P
   Application Hints - Standalone high speed CAN transceiver
Rev.01.40-27 April 2015
TJA1050T PHILIPS-TJA1050T Datasheet
76Kb / 16P
   High speed CAN transceiver
1999 Sep 27
TJA1050T NXP-TJA1050T Datasheet
120Kb / 18P
   High speed CAN transceiver
2003 Oct 22
TJA1050TD-T NXP-TJA1050TD-T Datasheet
120Kb / 18P
   High speed CAN transceiver
2003 Oct 22
More results

Similar Description - TJA1055T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com