Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMV933ATA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZMV933ATA
Description  SILICON 12V HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMV933ATA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZMV933ATA Datasheet HTML 1Page - Zetex Semiconductors ZMV933ATA Datasheet HTML 2Page - Zetex Semiconductors ZMV933ATA Datasheet HTML 3Page - Zetex Semiconductors ZMV933ATA Datasheet HTML 4Page - Zetex Semiconductors ZMV933ATA Datasheet HTML 5Page - Zetex Semiconductors ZMV933ATA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZC930, ZMV930, ZV931 series
ISSUE 6 - JANUARY 2002
2
PART
Capacitance
V
R=1V
Capacitance
V
R=2.5V
Capacitance
V
R=4V
Minimum Q
V
R=4V
f=50MHz
MIN pF
MIN pF
MAX pF
MAX pF
930
8.70
4.30
5.50
2.90
200
931
13.50
6.50
7.80
4.00
300
932
17.00
8.50
10.50
5.50
200
933
42.00
18.00
27.00
12.00
150
933A
42.00
20.25
24.75
12.00
150
934
95.00
40.00
65.00
25.00
80
934A
95.00
47.25
57.75
25.00
80
TUNING CHARACTERISTICS at Tamb = 25°C
PARAMETER
SYMBOL
MAX
UNIT
Reverse voltage
V
R
12
V
Forward current
I
F
100
mA
Power dissipation at T
amb =25 C SOT23
P
tot
330
mW
Power dissipation at T
amb =25 C SOD323
P
tot
330
mW
Power dissipation at T
amb =25 C SOD523
P
tot
250
mW
Operating and storage temperature range
-55 to +150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
I
R = 10uA
12
V
Reverse voltage leakage
V
R = 8V
0.2
100
nA
Temperature coefficient of capacitance
V
R =3V,f=1MHz
300
400
ppCm/ C
ELECTRICAL CHARACTERISTICS at Tamb = 25°C


Similar Part No. - ZMV933ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMV933ATA ZETEX-ZMV933ATA Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
More results

Similar Description - ZMV933ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com