Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0801S040TS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ADC0801S040TS
Description  Single 8 bits ADC, up to 40 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0801S040TS Datasheet(HTML) 5 Page - NXP Semiconductors

  ADC0801S040TS Datasheet HTML 1Page - NXP Semiconductors ADC0801S040TS Datasheet HTML 2Page - NXP Semiconductors ADC0801S040TS Datasheet HTML 3Page - NXP Semiconductors ADC0801S040TS Datasheet HTML 4Page - NXP Semiconductors ADC0801S040TS Datasheet HTML 5Page - NXP Semiconductors ADC0801S040TS Datasheet HTML 6Page - NXP Semiconductors ADC0801S040TS Datasheet HTML 7Page - NXP Semiconductors ADC0801S040TS Datasheet HTML 8Page - NXP Semiconductors ADC0801S040TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADC0801S040_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 August 2008
5 of 19
NXP Semiconductors
ADC0801S040
Single 8 bits ADC, up to 40 MHz
8.
Limiting values
[1]
The supply voltages VDDA, VDDD and VDDO may have any value between −0.3 V and +7.0 V provided that
the supply voltage
∆V
DD remains as indicated.
9.
Thermal characteristics
10. Characteristics
D6
18
data output; bit 6
D7
19
data output; bit 7 (Most Significant Bit (MSB))
VDDO
20
positive supply voltage for output stage (2.7 V to 5.5 V)
Table 3.
Pin description …continued
Symbol
Pin
Description
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
[1]
−0.3
+7.0
V
VDDD
digital supply voltage
[1]
−0.3
+7.0
V
VDDO
output supply voltage
[1]
−0.3
+7.0
V
∆VDD
supply voltage difference
VDDA − VDDD;
VDDD − VDDO;
VDDA − VDDO
−0.1
+4.0
V
VI
input voltage
referenced to
VSSA
−0.3
+7.0
V
Vi(clk)(p-p)
peak-to-peak clock input voltage referenced to
VSSD
-VDDD
V
IO
output current
-
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−20
+75
°C
Tj
junction temperature
-
150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Condition
Value
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in free air
120
K/W
Table 6.
Characteristics
VDDA =V5toV6=3.3 V; VDDD =V3toV4=3.3 V; VDDO = V20 to V11 = 3.3 V; VSSA,VSSD and VSSO shorted together; Vi(a)(p-p)
= 1.84 V; CL = 20 pF; Tamb = 0 °C to 70 °C; typical values measured at Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.7
3.3
5.5
V
VDDD
digital supply voltage
2.7
3.3
5.5
V
VDDO
output supply voltage
2.5
3.3
5.5


Similar Part No. - ADC0801S040TS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC0801S040TS IDT-ADC0801S040TS Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
More results

Similar Description - ADC0801S040TS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com