Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ8GEYJ102V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJ8GEYJ102V
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ8GEYJ102V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJ8GEYJ102V Datasheet HTML 1Page - Panasonic Semiconductor ERJ8GEYJ102V Datasheet HTML 2Page - Panasonic Semiconductor ERJ8GEYJ102V Datasheet HTML 3Page - Panasonic Semiconductor ERJ8GEYJ102V Datasheet HTML 4Page - Panasonic Semiconductor ERJ8GEYJ102V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
W
T
φA
φC
TT
T
A
P0
P2
P1
P1
φD0
φD1 (Only Emboss)
(2 mm pitch)
● Taping Reel
Packaging Methods (Taping)
● Standard Quantity
● Carrier Tape
Type
Kind of Taping
Pitch (P1)Quantity
ERJXG
Pressed Carrier Taping
2 mm
20000 pcs./reel
ERJ1G
15000 pcs./reel
ERJ2G
Punched Carrier Taping
10000 pcs./reel
ERJ3G
4 mm
5000 pcs./reel
ERJ6G
ERJ8G
ERJ14
Embossed Carrier Taping
ERJ12
ERJ12Z
ERJ1T
4000 pcs./reel
(Unit : mm)
Type
φA
φB
φC
WT
ERJXG
180.0
+0
60 min.
13.0
±1.0
9.0
±1.0
11.4
±1.0
ERJ1G
ERJ2G
ERJ3G
ERJ6G
ERJ8G
ERJ14
ERJ12
13.0
±1.0
15.4
±2.0
ERJ12Z
ERJ1T
(Unit : mm)
–3.0
Type
A
B
W
F
E
P
1
P
2
P
0
φD
0
T
φD
1
ERJXG
0.24
±0.03
0.45
±0.03
8.00
±0.20
3.50
±0.05
1.75
±0.10
2.00
±0.10
2.00
±0.05
4.00
±0.10
1.50
+0.10
0.31
±0.05
ERJ1G
0.38
±0.05
0.68
±0.05
0.42
±0.05
ERJ2G
0.67
±0.05
1.17
±0.05
0.52
±0.05
ERJ3G
1.10
±0.10
1.90
±0.10
4.00
±0.10
0.70
±0.05
ERJ6G
1.65
±0.15
2.50
±0.20
0.84
±0.05
ERJ8G
2.00
±0.15
3.60
±0.20
ERJ14
2.80
±0.20
3.50
±0.20
8.00
±0.30
1.00
±0.10
1.0
+0.10
ERJ12
3.50
±0.20
4.80
±0.20
12.00
±0.30 5.50±0.20
1.5 min.
ERJ12Z
2.80
±0.20
5.30
±0.20
ERJ1T
3.60
±0.20
6.90
±0.20
−0
−0
Pressed Carrier
Punched Carrier
Embossed Carrier
Feb. 2006


Similar Part No. - ERJ8GEYJ102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ8GEYJ102V PANASONIC-ERJ8GEYJ102V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ8GEYJ102V PANASONIC-ERJ8GEYJ102V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ8GEYJ102V PANASONIC-ERJ8GEYJ102V Datasheet
84Kb / 2P
   THICK FILM CHIP RESISTORS
ERJ8GEYJ102V PANASONIC-ERJ8GEYJ102V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ8GEYJ102V PANASONIC-ERJ8GEYJ102V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results

Similar Description - ERJ8GEYJ102V

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com