Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1113D125 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ADC1113D125
Description  Dual 11-bit ADC; serial JESD204A interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1113D125 Datasheet(HTML) 5 Page - NXP Semiconductors

  ADC1113D125 Datasheet HTML 1Page - NXP Semiconductors ADC1113D125 Datasheet HTML 2Page - NXP Semiconductors ADC1113D125 Datasheet HTML 3Page - NXP Semiconductors ADC1113D125 Datasheet HTML 4Page - NXP Semiconductors ADC1113D125 Datasheet HTML 5Page - NXP Semiconductors ADC1113D125 Datasheet HTML 6Page - NXP Semiconductors ADC1113D125 Datasheet HTML 7Page - NXP Semiconductors ADC1113D125 Datasheet HTML 8Page - NXP Semiconductors ADC1113D125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ADC1113D125_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 23 April 2010
5 of 41
NXP Semiconductors
ADC1113D125
ADC1113D125; serial JESD204A interface
[1]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
[2]
OTRA stands for “OuT of Range” A. OTRB stands for “OuT of Range” B.
7.
Limiting values
[1]
The supply voltage VDDA may have any value between −0.5 V and +7.0 V provided that the supply voltage
differences
ΔV
CC are respected.
[2]
The supply voltage VDDD may have any value between −0.5 V and +5.0 V provided that the supply voltage
differences
ΔV
CC are respected.
8.
Thermal characteristics
[1]
Value for six layers board in still air with a minimum of 25 thermal vias.
SENSE
54
I
reference programming pin
VREF
55
I/O
voltage reference input/output
VDDA
56
P
analog power supply 3 V
Table 2.
Pin description …continued
Symbol
Pin
Type [1]
Description
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
[1]
−0.4
+4.6
V
VDDD
digital supply voltage
[2]
−0.4
+2.5
V
ΔV
CC
supply voltage difference
VDDA − VDDD
<tbd>
<tbd>
V
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
125
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 17.8
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 6.8
K/W


Similar Part No. - ADC1113D125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1113D125C1 NXP-ADC1113D125C1 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
logo
Integrated Device Techn...
ADC1113D125HN-C1 IDT-ADC1113D125HN-C1 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
More results

Similar Description - ADC1113D125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125_11 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com