Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1206S070H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC1206S070H
Description  Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1206S070H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC1206S070H Datasheet HTML 4Page - NXP Semiconductors ADC1206S070H Datasheet HTML 5Page - NXP Semiconductors ADC1206S070H Datasheet HTML 6Page - NXP Semiconductors ADC1206S070H Datasheet HTML 7Page - NXP Semiconductors ADC1206S070H Datasheet HTML 8Page - NXP Semiconductors ADC1206S070H Datasheet HTML 9Page - NXP Semiconductors ADC1206S070H Datasheet HTML 10Page - NXP Semiconductors ADC1206S070H Datasheet HTML 11Page - NXP Semiconductors ADC1206S070H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADC1206S040_055_070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 August 2008
8 of 32
NXP Semiconductors
ADC1206S040/055/070
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Voltage input Vref[3]
Vref
reference
voltage
full-scale fixed voltage;
fi = 20 MHz; fclk = 55 MHz
C-
VCCA3 − 1.75 -
V
Iref
reference
current
C
-
0.3
10
µA
Vi(dif)(p-p)
peak-to-peak
differential
input voltage
VI(IN)(p-p) − VI(INN)(p-p);
Vref =VCCA3 − 1.75 V;
VI(cm) =VCCA3 − 1.6 V
C
-
1.9
-
V
Voltage controlled regulator output FSREF
VO(ref)
reference
output voltage
VI(IN)(p-p) − VI(INN)(p-p) = 1.9 V I
-
VCCA3 − 1.75 -
V
Digital outputs D11 to D0 and IR (referenced to OGND)
VOL
LOW-level
output voltage
IOL = 2 mA
I
0
-
0.5
V
VOH
HIGH-level
output voltage
IOH = − 0.4 mA
I
VCCCO − 0.5 -
VCCO
V
Io
output current
3-state output level between
0.5 V and VCCO
I
−20
-
+20
µA
Switching characteristics; Clock frequency fclk; see Figure 3
fclk(min)
minimum clock
frequency
SH = HIGH
C
-
-
7
MHz
fclk(max)
maximum clock
frequency
ADC1206S040H
C
40
-
-
MHz
ADC1206S055H
I
55
-
-
MHz
ADC1206S070H
C
70
-
-
MHz
tw(clk)H
HIGH clock
pulse width
fi = 20 MHz
C
6.8
-
-
ns
tw(clk)L
LOW clock
pulse width
fi = 20 MHz
C
6.8
-
-
ns
Analog signal processing; 50 % clock duty factor; VI(IN)(p-p) -VI(INN)(p-p) = 1.9 V; Vref =VCCA3 − 1.75 V; see Table 7
Linearity
INL
integral
non-linearity
fclk = 20 MHz; fi = 400 kHz
I
-
±2.6
±4.5
LSB
DNL
differential
non-linearity
fclk = 20 MHz; fi = 400 kHz
(no missing code
guaranteed)
I-
±0.5
+1.1
− 0.95 LSB
Eoffset
offset error
VCCA =VCCD =5V;
VCCO = 3.3 V; Tamb =25 °C;
output code = 2047
C
−25
+5
+25
mV
EG
gain error
spread from device to
device; VCCA =VCCD =5V;
VCCO = 3.3 V; Tamb =25 °C
C
−7
-
+7
%FS
Table 6.
Characteristics …continued
VCCA = V2 to V44, V3 to V4 and V41 to V40 = 4.75 V to 5.25 V; VCCD = V37 to V38 and V15 to V17 = 4.75 V to 5.25 V;
VCCO = V33 to V34 = 3.0 V to 3.6 V; AGND and DGND shorted together; Tamb = −40 °Cto85 °C;
VI(IN)(p-p) − VI(INN)(p-p) = 1.9 V; Vref =VCCA3 − 1.75 V; VI(cm) =VCCA3 − 1.6 V; typical values measured at VCCA =VCCD =5V
and VCCO = 3.3 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Test
[1]
Min
Typ
Max
Unit


Similar Part No. - ADC1206S070H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1206S070H RENESAS-ADC1206S070H Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results

Similar Description - ADC1206S070H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com