Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZV932V2TA Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZV932V2TA
Description  SILICON 12V HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZV932V2TA Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZV932V2TA Datasheet HTML 1Page - Zetex Semiconductors ZV932V2TA Datasheet HTML 2Page - Zetex Semiconductors ZV932V2TA Datasheet HTML 3Page - Zetex Semiconductors ZV932V2TA Datasheet HTML 4Page - Zetex Semiconductors ZV932V2TA Datasheet HTML 5Page - Zetex Semiconductors ZV932V2TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device Description
A range of silicon varactor diodes for use in frequency control and
filtering. Featuring closely controlled CV characteristics and high Q. Low
reverse current ensures very low phase noise performance. Available in
single or dual common cathode format in a wide rage of miniature
surface mount packages.
Features
· Close tolerance C-V characteristics
· Octave tuning from 0 to 6V
· Low IR (typically 200pA)
· Excellent phase noise performance
· High Q
· Range of miniature surface mount packages
Applications
· VCXO and TCXO
· Wireless communications
· Pagers
· Mobile radio
ZC930, ZMV930, ZV931 series
ISSUE 6 - JANUARY 2002
1
SILICON 12V HYPERABRUPT VARACTOR DIODES


Similar Part No. - ZV932V2TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
ZV950V2TA ZETEX-ZV950V2TA Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
ZV952V2TA ZETEX-ZV952V2TA Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
ZV953V2TA ZETEX-ZV953V2TA Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
Bourns Electronic Solut...
ZV95K1210201HT BOURNS-ZV95K1210201HT Datasheet
1Mb / 23P
   Low Voltage, High Temperature Varistors
More results

Similar Description - ZV932V2TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com