Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1412D080 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ADC1412D080
Description  Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1412D080 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ADC1412D080 Datasheet HTML 5Page - NXP Semiconductors ADC1412D080 Datasheet HTML 6Page - NXP Semiconductors ADC1412D080 Datasheet HTML 7Page - NXP Semiconductors ADC1412D080 Datasheet HTML 8Page - NXP Semiconductors ADC1412D080 Datasheet HTML 9Page - NXP Semiconductors ADC1412D080 Datasheet HTML 10Page - NXP Semiconductors ADC1412D080 Datasheet HTML 11Page - NXP Semiconductors ADC1412D080 Datasheet HTML 12Page - NXP Semiconductors ADC1412D080 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ADC1412D065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
9 of 37
NXP Semiconductors
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
Clock inputs: pins CLKP and CLKM
AC coupled; LVPECL, LVDS and sine wave
Vi(clk)dif
differential clock input voltage
peak-to-peak
0.2
0.8
<tbd>
V
LVCMOS
VI
input voltage
0.3VDDA
-
0.7VDDA V
Logic Input: pin CTRL
VIL
LOW-level input voltage
-
0
-
V
LOW-medium level
-
0.3VDDA
-V
medium-HIGH level
-
0.6VDDA
-
VIH
HIGH-level input voltage
-
VDDA
-V
IIL
LOW-level input current
<tbd>
-
<tbd>
µA
IIH
HIGH-level input current
−10
-
+10
µA
Serial Peripheral Interface: pins CS, SDIO/ODS, SCLK/DFS
VIL
LOW-level input voltage
0
-
0.3VDDA V
VIH
HIGH-level input voltage
0.7VDDA
-VDDA
V
IIL
LOW-level input current
−10
-
+10
µA
IIH
HIGH-level input current
−50
-
+50
µA
CI
input capacitance
-
4
-
pF
Digital Outputs: CMOS mode - pins DA13 to DA0, DB13 to DB0, OTRA, OTRB AND DAV
Output levels, VDDO=3 V
VOL
LOW-level output voltage
IOL = <tbd>
OGND
-
0.2VDDO V
VOH
HIGH-level output voltage
IOH = <tbd>
0.8VDDO
-VDDO
V
IOL
LOW-level output current
3-state; output level = 0 V
-
<tbd>
-
µA
IOH
HIGH-level output current
3-state; output level = VDDA
-
<tbd>
-
µA
CO
output capacitance
high impedance; OE = HIGH
-
3
-
pF
Output levels, VDDO=1.8 V
VOL
LOW-level output voltage
IOL = <tbd>
OGND
-
0.2VDDO V
VOH
HIGH-level output voltage
IOH = <tbd>
0.8VDDO
-VDDO
V
Digital Outputs, LVDS DDR mode - pins DA13P/DA13M to DA0P/DA0M, DB13P/DB13M to DB0P/DBOM, DAVP and
DAVM
Output levels, VDDO = 3 V only, RL = 100 Ω
VO(offset)
output offset voltage
output buffer current set to
3.5 mA
-
1.2
-
V
VO(dif)
differential output voltage
output buffer current set to
3.5 mA
-
350
-
mV
CO
output capacitance
-
<tbd>
-
pF
Analog inputs: pins INAP, INAM, INBP and INBM
II
Input current
−5-
+5
µA
RI
Input resistance
-
<tbd>
-
Table 6.
Static characteristics …continued
Typical values measured at VDDA =3V, VDDO = 1.8 V, Tamb =25 °C and CL = 5 pF; min and max values are across the full
temperature range Tamb = −40 °C to +85 °CatVDDA =3V, VDDO = 1.8 V; VINAP − VINAM = −1 dBFS; VINBP − VINBM = −1 dBFS;
internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1412D080

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1412D080HN-C1 IDT-ADC1412D080HN-C1 Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1412D080HN/C1 NXP-ADC1412D080HN/C1 Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
More results

Similar Description - ADC1412D080

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com