Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61884 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS61884_05 Datasheet HTML 3Page - Cirrus Logic CS61884_05 Datasheet HTML 4Page - Cirrus Logic CS61884_05 Datasheet HTML 5Page - Cirrus Logic CS61884_05 Datasheet HTML 6Page - Cirrus Logic CS61884_05 Datasheet HTML 7Page - Cirrus Logic CS61884_05 Datasheet HTML 8Page - Cirrus Logic CS61884_05 Datasheet HTML 9Page - Cirrus Logic CS61884_05 Datasheet HTML 10Page - Cirrus Logic CS61884_05 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
CS61884
DS485F1
7
1. PINOUT - LQFP
CS6188 4
144-Pin
LQFP
108
107
106
104
103
102
101
100
99
105
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
1
2
3
5
6
7
8
9
10
4
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
TPOS7/TDATA7
TCLK7
LOS6
RNEG6/BPV6
RPOS6/RDATA6
RCLK6
TNEG6/UBS6
TPOS6/TDATA6
TCLK6
MCLK
MODE
A4
A3
A2
A1
A0
VCCIO
GNDIO
RV0+
RGND0
LOOP0/D0
LOOP1/D1
LOOP2/D2
LOOP3/D3
LOOP4/D4
LOOP5/D5
LOOP6/D6
LOOP7/D7
TCLK1
TPOS1/TDATA1
TNEG1/UBS1
RCLK1
RPOS1/RDATA1
RNEG1/BPV1
LOS1
TCLK0
(Top View)
TPOS4/TDATA4
TCLK4
LOS5
RNEG5/BPV5
RPOS5/RDATA5
RCLK5
TNEG5/UBS5
TPOS5/TDATA5
TCLK5
TDI
TDO
TCK
TMS
TRST
REF
CBLSEL
VCCIO
GNDIO
RV1+
RGND1
INTL/MOT/CODEN
CS/JASEL
ALE/AS/SCLK/LEN2
RD/RW/LEN1
WR/DS/SDI/LEN0
RDY/ACK/SDO
INT
TCLK2
TPOS2/TDATA2
TNEG2/UBS2
RCLK2
RPOS2/RDATA2
RNEG2/BPV2
LOS2
TCLK3
TPOS3/TDATA3
Figure 1. CS61884 144-Pin Outs


Similar Part No. - CS61884_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61884-IB CIRRUS-CS61884-IB Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
More results

Similar Description - CS61884_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
logo
Integrated Device Techn...
IDT82V2048E IDT-IDT82V2048E Datasheet
1Mb / 76P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
logo
Cirrus Logic
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com