Selected language     English  ▼


CS61884_05 Datasheet(PDF) 10 Page - Cirrus Logic

Part No. CS61884_05
Description  Octal T1/E1/J1 Line Interface Unit
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 10 page
background image
CS61884
10
DS485F1
3.2 Control
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
MCLK
10
E1
I
Master Clock Input
This pin is a free running reference clock that should be
either 1.544 MHz for T1/J1 or 2.048 MHz for E1 operation.
This timing reference is used as follows:
- Timing reference for the clock recovery and jitter attenua-
tion circuitry.
- RCLK reference during Loss of Signal (LOS) conditions
- Transmit clock reference during Transmit all Ones (TAOS)
condition
- Wait state timing for microprocessor interface
- When this pin is held “High”, the PLL clock recovery cir-
cuit is disabled. In this mode, the CS61884 receivers
function as simple data slicers.
- When this pin is held “Low”, the receiver paths are pow-
ered down and the output pins RCLK, RPOS, and RNEG
are High-Z.
MODE
11
E2
I
Mode Select
This pin is used to select whether the CS61884 operates in
Serial host, Parallel host or Hardware mode.
Host Mode - The CS61884 is controlled through either a
serial or a parallel microprocessor interface (Refer to HOST
MODE (See Section 13 on page 32).
Hardware Mode - The microprocessor interface is disabled
and the device control/status are provided through the pins
on the device.
NOTE: For serial host mode connect this pin to a resistor
divider consisting of two 10K
Ω resistors between
VCCIO and GNDIO.
Table 1. Operation Mode Selection
Pin State
OPERATING Mode
LOW
Hardware Mode
HIGH
Parallel Host Mode
VCCIO/2
Serial Host Mode




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl