Selected language     English  ā–¼


CS61884-IQZ Datasheet(PDF) 9 Page - Cirrus Logic

Part No. CS61884-IQZ
Description  Octal T1/E1/J1 Line Interface Unit
Download  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 9 page
background image
CS61884
DS485F1
9
3. PIN DESCRIPTIONS
3.1 Power Supplies
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
VCCIO
17
92
G1
G14
Power Supply, Digital Interface: Power supply for digital
interface pins; typically 3.3V.
GNDIO
18
91
G4
G11
Ground, Digital Interface:
Power supply ground for the digital interface; typically 0 Volts
RV0+
RV1+
19
90
H1
H14
Power Supply, Core Circuitry: Power supply for all sub-cir-
cuits except the transmit driver; typically +3.3 Volts
RGND0
RGND1
20
89
H4
H11
Ground, Core Circuitry:
Ground for sub-circuits except the TX driver; typically 0 Volts
TV+0
44
N4, P4
Power Supply, Transmit Driver 0
Power supply for transmit driver 0; typically +3.3 Volts
TGND0
47
N6, P6
Ground, Transmit Driver 0
Power supply ground for transmit driver 0; typically 0 Volts
TV+1
53
L4, M4
Power Supply, Transmit Driver 1
TGND1
50
L6, M6
Ground, Transmit Driver 1
TV+2
56
L11
M11
Power Supply, Transmit Driver 2
TGND2
59
L9, M9
Ground, Transmit Driver 2
TV+3
65
N11
P11
Power Supply, Transmit Driver 3
TGND3
62
N9, P9
Ground, Transmit Driver 3
TV+4
116
A11
B11
Power Supply, Transmit Driver 4
TGND4
119
A9, B9
Ground, Transmit Driver 4
TV+5
125
C11
D11
Power Supply, Transmit Driver 5
TGND5
122
C9,
D9
Ground, Transmit Driver 5
TV+6
128
C4,
D4
Power Supply, Transmit Driver 6
TGND6
131
C6,
D6
Ground, Transmit Driver 6
TV+7
137
A4, B4
Power Supply, Transmit Driver 7
TGND7
134
A6, B6
Ground, Transmit Driver 7




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl