Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-26XEX Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-26XEX
Description  DC-DC Converters 50 to 200 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-26XEX Datasheet(HTML) 2 Page - Vicor Corporation

  VI-26XEX Datasheet HTML 1Page - Vicor Corporation VI-26XEX Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12 1-800-735-6200
71
VI-200 E-Grade
VI-200 C-, I-, M-Grade
PARAMETER
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
TEST CONDITIONS
s Input Characteristics
Inrush charge
120x10-6
120x10-6 200x10-6
Coulombs
Nominal line
Input reflected ripple current – pp
10%
10%
IIN
Nominal line, full load
Input ripple rejection
dB
120 Hz, nominal line
dB
2400 Hz, nominal line
No load power dissipation
1.35
2
1.35
2
Watts
s Output Characteristics
Setpoint accuracy
1%
2%
0.5%
1%
VNOM
Load/line regulation
0.5%
0.05%
0.2%
VNOM
LL to HL, 10% to Full Load
Load/line regulation
1%
0.2%
0.5%
VNOM
LL to HL, No Load to 10%
Output temperature drift
0.02
0.01
0.02
% / °C
Over rated temp.
Long term drift
0.02
0.02
%/1K hours
Output ripple - pp:
2V, 3.3V
150 mV
60 mV
100 mV
20 MHz bandwidth
5V
5%
2%
3%
20 MHz bandwidth
10-48V
3%
0.75%
1.5%
20 MHz bandwidth
Trim range1
50%
110%
50%
110%
Total remote sense compensation
0.5
0.5
Volts
0.25V max. neg. leg
OVP set point
125%2
115%
125%2
135%
VNOM
Recycle power
Current limit
105%
135%
105%
125%
INOM
Automatic restart
Short circuit current 3
20%
140%
20%
130%
INOM
s Control Pin Characteristics
Gate out impedance
50
50
Ohms
Gate in impedance
103
103
Ohms
Gate in open circuit voltage
6
6
Volts
Use open collector
Gate in low threshold
0.65
0.65
Volts
Gate in low current
6
6
mA
Power sharing accuracy
0.95
1.05
0.95
1.05
s Dielectric Withstand Characteristics
Input to output
3,000
3,000
VRMS
Baseplate earthed
Output to baseplate
500
500
VRMS
Input to baseplate
1,500
1,500
VRMS
s Thermal Characteristics
Efficiency
78-88%
80-90%
Baseplate to sink
0.2
0.2
°C/Watt
With Vicor P/N 01777
Thermal shutdown4
90
95
105
90
95
105
°C
Cool and recycle power
(Drivers only)
to restart
s Mechanical Specifications
Weight
6.0 (170)
6.0 (170)
Ounces (Grams)
1 10V, 12V and 15V outputs, standard trim range ±10%. Consult factory for wider trim range.
2 131% nominal for booster modules.
3 Output voltages of 3.3V or 5V incorporate foldback current limiting; all other outputs provide constant current limiting.
4 No overtemp protection in booster modules.
Converter Specifications
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
25+20Log
( Vin )
Vout
30+20Log
( Vin )
Vout
20+20Log
( Vin )
Vout
Rev 3
2 of 2
For the latest Vicor Product Information: www.vicorpower.com


Similar Part No. - VI-26XEX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-260-CU VICOR-VI-260-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-260-CV VICOR-VI-260-CV Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-260-CX VICOR-VI-260-CX Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VI-261-CU VICOR-VI-261-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-261-CU-BM VICOR-VI-261-CU-BM Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
More results

Similar Description - VI-26XEX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
   50-150W, 200 to 425VDC Input DC-DC Converters
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com