Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7311-CR-90 Datasheet(PDF) 2 Page - Cirrus Logic

Part # EP7311-CR-90
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311-CR-90 Datasheet(HTML) 2 Page - Cirrus Logic

  EP7311-CR-90 Datasheet HTML 1Page - Cirrus Logic EP7311-CR-90 Datasheet HTML 2Page - Cirrus Logic EP7311-CR-90 Datasheet HTML 3Page - Cirrus Logic EP7311-CR-90 Datasheet HTML 4Page - Cirrus Logic EP7311-CR-90 Datasheet HTML 5Page - Cirrus Logic EP7311-CR-90 Datasheet HTML 6Page - Cirrus Logic EP7311-CR-90 Datasheet HTML 7Page - Cirrus Logic EP7311-CR-90 Datasheet HTML 8Page - Cirrus Logic EP7311-CR-90 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
DS506F1
EP7311
High-Performance, Low-Power System on Chip
FEATURES (cont)
■ LCD controller
— Interfaces directly to a single-scan panel monochrome
STN LCD
— Interfaces to a single-scan panel color STN LCD with
minimal external glue logic
■ Full JTAG boundary scan and Embedded ICE® support
■ Integrated Peripheral Interfaces
— 32-bit SDRAM Interface up to 2 external banks
— 8/32/16-bit SRAM/FLASH/ROM Interface
— Multimedia Codec Port
— Two Synchronous Serial Interfaces (SSI1, SSI2)
— CODEC Sound Interface
—8
×8 Keypad Scanner
— 27 General Purpose Input/Output pins
— Dedicated LED flasher pin from the RTC
■ Internal Peripherals
— Two 16550 compatible UARTs
— IrDA Interface
— Two PWM Interfaces
— Real-time Clock
— Two general purpose 16-bit timers
— Interrupt Controller
— Boot ROM
■ Package
—208-Pin LQFP
—256-Ball PBGA
—204-Ball TFBGA
■ The fully static EP7311 is optimized for low power
dissipation and is fabricated on a 0.25 micron CMOS
process
■ Development Kits
— EDB7312: Development Kit with color STN LCD on
board.
— EDB7312-LW: EDB7312 with Lynuxworks’ BlueCat
Linux Tools and software for Windows host (free 30
day BlueCat support from Lynuxworks).
— EDB7312-LL: EDB7312 with Lynuxworks’ BlueCat
Linux Tools and software for Linux host (free 30 day
BlueCat support from Lynuxworks).
Note:
* BlueCat available separately through Lynuxworks
only.
* Use the EDB7312 Development Kit for all the EP73xx
devices.
OVERVIEW (cont.)
The EP7311 is designed for low-power operation. Its core
operates at only 2.5 V, while its I/O has an operation range of
2.5 V–3.3 V. The device has three basic power states:
operating, idle and standby.
One of its notable features is MaverickKey unique IDs. These
are factory programmed IDs in response to the growing
concern over secure web content and commerce. With Internet
security playing an important role in the delivery of digital
media such as books or music, traditional software methods are
quickly becoming unreliable. The MaverickKey unique IDs
consist of two registers, one 32-bit series register and one
random 128-bit register that may be used by an OEM for an
authentication mechanism.
Simply by adding desired memory and peripherals to the
highly integrated EP7311 completes a low-power system
solution. All necessary interface logic is integrated on-chip.


Similar Part No. - EP7311-CR-90

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7311-CR-C CIRRUS-EP7311-CR-C Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
More results

Similar Description - EP7311-CR-90

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
   HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
CS89712 CIRRUS-CS89712 Datasheet
2Mb / 170P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
logo
ams AG
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com