Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7312-CR-90 Datasheet(PDF) 9 Page - Cirrus Logic

Part # EP7312-CR-90
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312-CR-90 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button EP7312-CR-90 Datasheet HTML 5Page - Cirrus Logic EP7312-CR-90 Datasheet HTML 6Page - Cirrus Logic EP7312-CR-90 Datasheet HTML 7Page - Cirrus Logic EP7312-CR-90 Datasheet HTML 8Page - Cirrus Logic EP7312-CR-90 Datasheet HTML 9Page - Cirrus Logic EP7312-CR-90 Datasheet HTML 10Page - Cirrus Logic EP7312-CR-90 Datasheet HTML 11Page - Cirrus Logic EP7312-CR-90 Datasheet HTML 12Page - Cirrus Logic EP7312-CR-90 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
DS508F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
9
EP7312
High-Performance, Low-Power System on Chip
strobes for each keyboard column signal. The pins of Port A,
when configured as inputs, can be selectively OR'ed together
to provide a keyboard interrupt that is capable of waking the
system from a STANDBY or IDLE state. The Keypad
Interface has these features:
Column outputs can be individually set high with the
remaining bits left at high-impedance
Column outputs can be driven all-low, all-high, or all-high-
impedance
Keyboard interrupt driven by OR'ing together all Port A
bits
Keyboard interrupt can be used to wake up the system
•8
×8 keyboard matrix usable with no external logic, extra
keys can be added with minimal glue logic
Table 10 shows the Keypad Interface Pin Assignments.
Interrupt Controller
When unexpected events arise during the execution of a
program (i.e., interrupt or memory fault) an exception is
usually generated. When these exceptions occur at the same
time, a fixed priority system determines the order in which
they are handled. The EP7312 interrupt controller has two
interrupt types: interrupt request (IRQ) and fast interrupt
request (FIQ). The interrupt controller has the ability to control
interrupts from 22 different FIQ and IRQ sources. The
Interrupt controller has these features:
Supports 22 interrupts from a variety of sources (such as
UARTs, SSI1, and key matrix.)
Routes interrupt sources to the ARM720T’s IRQ or FIQ
(Fast IRQ) inputs
Five dedicated off-chip interrupt lines operate as level
sensitive interrupts
Table 11 shows the interrupt controller pin assignments.
.
Note:
Pins are multiplexed. See Table 19 on page 11 for
more information.
Real-Time Clock
The EP7312 contains a 32-bit Real Time Clock (RTC) that can
be written to and read from in the same manner as the timer
counters. It also contains a 32-bit output match register which
can be programmed to generate an interrupt.
Driven by an external 32.768 kHz crystal oscillator
Table 12 shows the Real-Time Clock pin assignments.
PLL and Clocking
The EP7312 processor and peripheral clocks have these
features:
Processor and peripheral clocks operate from a single
3.6864 MHz crystal or external 13 MHz clock
Programmable clock speeds allow the peripheral bus to run
at 18 MHz when the processor is set to 18 MHz and at
36 MHz when the processor is set to 36, 49 or 74 MHz, and
at 45 MHz when the processor is set to 90 MHz.
Table 13 shows the PLL and clocking pin assignments.
Table 10. Keypad Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
COL[7:0]
O
Keyboard scanner column drive
Table 11. Interrupt Controller Pin Assignments
Pin Mnemonic
I/O
Pin Description
nEINT[2:1]
I
External interrupt
EINT[3]
I
External interrupt
nEXTFIQ
I
External Fast Interrupt input
nMEDCHG/nBROM
(Note)
I
Media change interrupt input
Table 12. Real-Time Clock Pin Assignments
Pin Mnemonic
Pin Description
RTCIN
Real-Time Clock Oscillator Input
RTCOUT
Real-Time Clock Oscillator Output
VDDRTC
Real-Time Clock Oscillator Power
VSSRTC
Real-Time Clock Oscillator Ground
Table 13. PLL and Clocking Pin Assignments
Pin Mnemonic
Pin Description
MOSCIN
Main Oscillator Input
MOSCOUT
Main Oscillator Output
VDDOSC
Main Oscillator Power
VSSOSC
Main Oscillator Ground


Similar Part No. - EP7312-CR-90

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312-CR-90 CIRRUS-EP7312-CR-90 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
More results

Similar Description - EP7312-CR-90

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
   HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
logo
Luminus, Inc
MP-3030-12ZH LUMINUS-MP-3030-12ZH Datasheet
1Mb / 14P
   Ultra High-Performance with Enhanced ESD Protection
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com