Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX11-6.4-4 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TX11-6.4-4
Description  Alloy powder toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TX11-6.4-4 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TX11-6.4-4 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX11-6.4-4 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX11-6.4-4 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1827
Ferroxcube
Alloy powder toroids
TX11/6.4/4
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with epoxy. The colour is black
(Sendust), grey (MPP) or khaki (High-Flux).
Maximum operating temperature is 200
°C.
Parylene coating is also available (transparent,
maximum operating temperature 130
°C).
Isolation voltage
AC isolation voltage : 1000 V (Parylene : 750 V).
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE UNIT
Σ(I/A)
core factor (C1)
2.97
mm−1
Ve
effective volume
244
mm3
Ie
effective length
26.9
mm
Ae
effective area
9.06
mm2
m
mass of core
(for
µi 125)
MPP
2.12
g
Sendust
1.50
g
High-Flux 1.99
g
MFP157
coating EPOXY
4.28
± 0.32
(0.16)
11.51
± 0.31
6.09
± 0.26
Fig.1 TX11/6.4/4 ring core.
Dimensions in mm.
Ring core data - Note 1. Mechanical dimensions : OD
≤ 11.89, ID ≥ 5.89, H ≤ 4.72
GRADE
AL
(nH)
µi
B (mT) at
CORE LOSS (W) at
TYPE NUMBER
H = 100 kA/m;
f = 10 kHz; T = 25
°C
f = 100 kHz;
= 100 mT; T = 25
°C
MPP
6
± 8 %
14
≥ 640
0.366
TX11/4-M2-A6
11
± 8 %
26
≥ 700
0.292
TX11/4-M2-A11
26
± 8 %
60
≥ 760
0.183
TX11/4-M2-A26
53
± 8 %
125
≥ 800
0.183
TX11/4-M2-A53
63
± 8 %
147
≥ 800
0.195
TX11/4-M2-A63
68
± 8 %
160
≥ 800
0.195
TX11/4-M2-A68
74
± 8 %
173
≥ 800
0.195
TX11/4-M2-A74
85
± 8 %
200
≥ 800
0.366
TX11/4-M2-A85
127
± 8 %
300
≥ 800
0.366
TX11/4-M2-A127
Sendust (1)
26
± 12 %
60
≥ 1030
0.208
TX11/4-S7-A26-MC
32
± 12 %
75
≥ 1040
0.208
TX11/4-S7-A32-MC
38
± 12 %
90
≥ 1050
0.208
TX11/4-S7-A38-MC
53
± 12 %
125
≥ 1060
0.208
TX11/4-S7-A53-MC
High-Flux
6
± 8 %
14
≥ 890
0.609
TX11/4-H2-A6
11
± 8 %
26
≥ 980
0.487
TX11/4-H2-A11
26
± 8 %
60
≥ 1280
0.439
TX11/4-H2-A26
53
± 8 %
125
≥ 1370
0.487
TX11/4-H2-A53
63
± 8 %
147
≥ 1385
0.536
TX11/4-H2-A63
68
± 8 %
160
≥ 1400
0.853
TX11/4-H2-A68
B
ˆ


Similar Part No. - TX11-6.4-4

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
TX11104C YIC-TX11104C Datasheet
309Kb / 2P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 6.000 - 40.000MHz
TX11104T YIC-TX11104T Datasheet
309Kb / 2P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
TX11106C YIC-TX11106C Datasheet
268Kb / 1P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 6.000 - 40.000MHz
TX11106T YIC-TX11106T Datasheet
269Kb / 1P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
logo
List of Unclassifed Man...
TX11317 ETC1-TX11317 Datasheet
242Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500 Vrms, Extended and Standard Temperature Range
More results

Similar Description - TX11-6.4-4

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX57-36-14 FERROXCUBE-TX57-36-14 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.6-2.7-4.8 FERROXCUBE-TX6.6-2.7-4.8 Datasheet
43Kb / 3P
   Alloy powder toroids
TX3.6-1.8-1.5 FERROXCUBE-TX3.6-1.8-1.5 Datasheet
43Kb / 3P
   Alloy powder toroids
TX27-15-11 FERROXCUBE-TX27-15-11 Datasheet
43Kb / 3P
   Alloy powder toroids
TX57-26-15 FERROXCUBE-TX57-26-15 Datasheet
43Kb / 3P
   Alloy powder toroids
TX78-49-13 FERROXCUBE-TX78-49-13 Datasheet
44Kb / 3P
   Alloy powder toroids
TX9.7-4.8-4 FERROXCUBE-TX9.7-4.8-4 Datasheet
43Kb / 3P
   Alloy powder toroids
TX20-13-6.4 FERROXCUBE-TX20-13-6.4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX34-23-8.9 FERROXCUBE-TX34-23-8.9 Datasheet
43Kb / 3P
   Alloy powder toroids
TX3.9-2.2-2.5 FERROXCUBE-TX3.9-2.2-2.5 Datasheet
43Kb / 3P
   Alloy powder toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com