Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ8GE0102U Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJ8GE0102U
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ8GE0102U Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJ8GE0102U Datasheet HTML 1Page - Panasonic Semiconductor ERJ8GE0102U Datasheet HTML 2Page - Panasonic Semiconductor ERJ8GE0102U Datasheet HTML 3Page - Panasonic Semiconductor ERJ8GE0102U Datasheet HTML 4Page - Panasonic Semiconductor ERJ8GE0102U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
R
2
J
3
3
4
G
5
E
6
Y
7
J
8
1
9
0
10
2
11
V
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
XGN : 01005
1GE : 0201
2GE : 0402
3GE : 0603
6GE : 0805
8GE : 1206
14 : 1210
12 : 1812
12Z : 2010
1T : 2512
0.031 W
0.05 W
0.1 W
0.1 W
0.125 W
0.25 W
0.5 W
0.75 W
0.75 W
1W
Power R.
Marking
Code
Y
Nil
Marking
Value Marking on
black side
No marking
Resistance Tolerance
Code
J
0
Tolerance
±5%
Jumper
The first two digits are significant figures of resistance and
the third one denotes number of zeros following.
Decimal Point is expressed by R as 4.7 = 4R7.
Jumper is expressed by R00.
Resistance Value
Packaging Methods
Code
Y
C
X
V
U
Packaging
Type
Pressed Carrier Taping
2mm pitch, 20000 pcs.
Pressed Carrier Taping
2mm pitch, 15000 pcs.
Punched Carrier Taping
2mm pitch, 10000 pcs.
Punched Carrier Taping
4mm pitch
Embossed CarrierTaping
4mm pitch
ERJXGN
ERJ1GE
ERJ2GE
ERJ3GE
ERJ6GE
ERJ8GE
ERJ14
ERJ12
ERJ12Z
ERJ1T
Type : inches
Thick Film Chip Resistors
01005, 0201, 0402, 0603, 0805,
1206, 1210, 1812, 2010, 2512
Type:
ERJ XG, 1G, 2G, 3G, 6G, 8G,
14, 12, 12Z, 1T
Features
● Small size and lightweight
● High reliability
Metal glaze thick film resistive element and three layers of electrodes
● Compatible with placement machines
Taping packaging available
● Suitable for both reflow and flow soldering
● Reference Standards
IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B
Explanation of Part Numbers
● ERJXGN, 1GE, 2GE, 3GE, 6GE, 8GE, 14, 12, 12Z, 1T Series, ±5 % type
✽ When omitted, the rest of the P/N factors shall be moved up respectively.
(Only XGN, 1GN, 2GE type)
Jul. 2008


Similar Part No. - ERJ8GE0102U

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ERJ8GE14YJ102C PANASONICBATTERY-ERJ8GE14YJ102C Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ8GE14YJ102U PANASONICBATTERY-ERJ8GE14YJ102U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ8GE14YJ102V PANASONICBATTERY-ERJ8GE14YJ102V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ8GE14YJ102X PANASONICBATTERY-ERJ8GE14YJ102X Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ8GE14YJ102Y PANASONICBATTERY-ERJ8GE14YJ102Y Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results

Similar Description - ERJ8GE0102U

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com