Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-720LFFCAC Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VS-720LFFCAC
Description  Voltage Controlled SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-720LFFCAC Datasheet(HTML) 6 Page - Vectron International, Inc

  VS-720LFFCAC Datasheet HTML 1Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 2Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 3Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 4Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 5Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 6Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VS-720 Voltage Controlled SAW Oscillator
Vectron International
267 Lowell Rd Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Rev: 3 April 2007
The device is qualified to meet the JEDEC standard for
Pb-Free assembly. The temperatures and time
intervals listed are based on the Pb-Free small body
requirements. The VS-720 device is hermetically
sealed so an aqueous wash is not an issue.
Termination Plating: Electroless Gold Plate over
Nickel Plate
25
217
200
150
260
Time (sec)
t
S
t
AMB-P
t
L
t
P
R
UP
R
DN
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and
IR reflow simulation. The VS-720 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the VS-720 proper precautions should be taken when
handling and mounting. VI employs a human body model (HBM) and a Man Man method (MM) for ESD
susceptibility testing and design protection evaluation.
ESD Ratings
Model
Minimum
Conditions
Human Body Model
1500 V
MIL-STD 883, Method 3015
Man Man Model
200 V
V/JESD22-A115-A
Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 180 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC
t P
20 sec Min, 40 sec Max
Ramp Down
R DN
6
oC/sec Max
Page 6 of 7


Similar Part No. - VS-720LFFCAC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-720 VECTRON-VS-720 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAA-693.4830 VECTRON-VS-720-LFC-CAA-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAB-693.4830 VECTRON-VS-720-LFC-CAB-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAC-693.4830 VECTRON-VS-720-LFC-CAC-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAD-693.4830 VECTRON-VS-720-LFC-CAD-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-720LFFCAC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com