Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-720LFFCAC Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VS-720LFFCAC
Description  Voltage Controlled SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-720LFFCAC Datasheet(HTML) 3 Page - Vectron International, Inc

  VS-720LFFCAC Datasheet HTML 1Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 2Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 3Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 4Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 5Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 6Page - Vectron International, Inc VS-720LFFCAC Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-720 Voltage Controlled SAW Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Rev: 3 April 2007
Outline Diagram
Suggested Pad Layout
Standard Pin Out
Pin
Symbol
Function
1
V
C
VCXO
2
OE
1
Enable = LV-CMOS logic 0 or Ground,
Disable = LV-CMOS logic 1
3
GND
Case and Electrical Ground
4
Output
Output
5
COutput
Complementary Output
6
V
CC
Power Supply Voltage (3.3V ±10%)
Note 1: For proper operation disable pin can not be left floating. See page 7 for alternative input logic option
Tape and Reel (EIA-481-2-A)
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
Reel
VS-720
16
7.5
1.5
4
8
178
1.5
13
20.2
50
16.4
22.4
200
Page 3 of 7
Po
W
A
N
F
P1
W1
W2
C
B
D
ØDo
mm
[inch]
5.08
[0.200]
2.54
[0.100]
1.78
[0.070]
3.66
[0.144]
1.96
[0.077]


Similar Part No. - VS-720LFFCAC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-720 VECTRON-VS-720 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAA-693.4830 VECTRON-VS-720-LFC-CAA-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAB-693.4830 VECTRON-VS-720-LFC-CAB-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAC-693.4830 VECTRON-VS-720-LFC-CAC-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAD-693.4830 VECTRON-VS-720-LFC-CAD-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-720LFFCAC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com