Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA13A Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA13A
Description  Power Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA13A Datasheet(HTML) 1 Page - Cirrus Logic

  PA13A Datasheet HTML 1Page - Cirrus Logic PA13A Datasheet HTML 2Page - Cirrus Logic PA13A Datasheet HTML 3Page - Cirrus Logic PA13A Datasheet HTML 4Page - Cirrus Logic PA13A Datasheet HTML 5Page - Cirrus Logic PA13A Datasheet HTML 6Page - Cirrus Logic PA13A Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PA13 • PA13A
PA13U
1
P r o d u c t I n n o v a t i o n F r o m
®
PA13, PA13A
FEATURES
♦ LOW THERMAL RESISTANCE — 1.1°C/W
♦ CURRENT FOLDOVER PROTECTION
♦ EXCELLENT LINEARITY — Class A/B Output
♦ WIDE SUPPLY RANGE — ±10V to ±45V
♦ HIGH OUTPUT CURRENT — Up to ±15A Peak
APPLICATIONS
♦ MOTOR, VALVE AND ACTUATOR CONTROL
♦ MAGNETIC DEFLECTION CIRCUITS
UP TO 10A
♦ POWER TRANSDUCERS UP TO 100kHz
♦ TEMPERATURE CONTROL UP TO 360W
♦ PROGRAMMABLE POWER SUPPLIES
UP TO 90V
♦ AUDIO AMPLIFIERS UP TO 120W RMS
EQUIVALENT SCHEMATIC
12
2
1
5
9
3
7
A1
D1
Q1
Q4
Q3
Q5
C1
Q2A
Q2B
Q6B
Q6A
4
11
10
6
8
Power Operational Amplifier
PA13 • PA13A
P r o d u c t I n n o v a t i o n F r o m
DESCRIPTION
The PA13 is a state of the art high voltage, very high
output current operational amplifier designed to drive
resistive, inductive and capacitive loads. For optimum
linearity, especially at low levels, the output stage is
biased for class A/B operation using a thermistor com-
pensated base-emitter voltage multiplier circuit. The
safe operating area (SOA) can be observed for all op-
erating conditions by selection of user programmable
current limiting resistors. For continuous operation un-
der load, a heatsink of proper rating is recommended.
The PA13 is not recommended for gains below –3 (in-
verting) or +4 (non-inverting).
This hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips
to maximize reliability, minimize size and give top per-
formance. Ultrasonically bonded aluminum wires pro-
vide reliable interconnections at all operating temper-
atures. The 12-pin power SIP package is electrically
isolated.
Copyright © Cirrus Logic, Inc. 2010
(All Rights Reserved)
www.cirrus.com
MAR 2010
APEX − PA13REVQ
1
2
3
4
5
6
7
8
9
10
11
12
–IN
+IN
OUTPUT
F.O.
–V
+V
–CL
+CL
–RCL
+RCL
S
S
12-pin SIP
PACKAGE
STYLE DP
Formed leads avaliable
See package style EE
EXTERNAL CONNECTIONS


Similar Part No. - PA13A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA13A APEX-PA13A Datasheet
226Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA13A CIRRUS-PA13A Datasheet
642Kb / 7P
   Power Operational Amplifier
PA13A CIRRUS-PA13A Datasheet
291Kb / 7P
   Power Operational Amplifier
logo
List of Unclassifed Man...
PA13A ETC2-PA13A Datasheet
713Kb / 7P
   Power Operational Amplifier
More results

Similar Description - PA13A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com