Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA15FL Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA15FL
Description  High Voltage Power Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA15FL Datasheet(HTML) 3 Page - Cirrus Logic

  PA15FL Datasheet HTML 1Page - Cirrus Logic PA15FL Datasheet HTML 2Page - Cirrus Logic PA15FL Datasheet HTML 3Page - Cirrus Logic PA15FL Datasheet HTML 4Page - Cirrus Logic PA15FL Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PA15FL • PA15FLA
PA15FLU
3
P r o d u c t I n n o v a t i o n F r o m
®
100K
1M
FREQUENCY, F (Hz)
270
45
PHASE RESPONSE
100K
10M
FREQUENCY, F (Hz)
–10
0
30
SMALL SIGNAL RESPONSE
10
20
40
50
10
1M
FREQUENCY, F (Hz)
20
80
COMMON MODE REJECTION
40
60
100
1
1M
FREQUENCY, F (Hz)
0
20
120
POWER SUPPLY REJECTION
40
80
3M
10K
100K
FREQUENCY, F (Hz)
HARMONIC DISTORTION
.1
.3
30K
100
1K
10K
100
300
TOTAL SUPPLY VOLTAGE, V
S (V)
2.0
OPEN LOOP OUTPUT IMPEDANCE
2.4
1K
10K
10 100 1K 10K .1M
60
2.2
.001
1M
225
180
450
2.6
2.8
1M
.01
100
135
100
.1M
10M
200
400
T
C = 85°C
T
C = 25°C
T
C = 125°C
C
C = Open
QUIESCENT CURRENT
0
50
100
150
200
250
300
350
400
10M
SWING FROM –V
S
0
40
200
LOAD CURRENT, I (mA)
80
120
160
0
16
24
8
20
4
12
125°C
85°C
25°C
–55°C
125°C
85°C
–55°C
25°C
SWING FROM +V
S
0
40
160
200
LOAD CURRENT, I (mA)
80
120
R
L = 1K
C
C = Open
A = 30
5 watt
50 mW
2K
100K
FREQUENCY, F (Hz)
20
500
POWER RESPONSE
10K
100
2
10
4
8
6
200K
30
FREQUENCY, F (Hz)
C
C = Open
C
C = 33pF
C
C = Open
10
10M
FREQUENCY, F (Hz)
–20
0
60
SMALL SIGNAL RESPONSE
20
40
80
120
10K
100
C
C = 33pF
C
C = Open
C
C = 33pF
C
C = Open
90
100
1K
.1M
1M
0
25
50
75
100 125
150
CASE TEMPERATURE, T
C (°C)
0
8
24
32
POWER DERATING
16
40
T
C = -55°C


Similar Part No. - PA15FL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FLA APEX-PA15FLA Datasheet
275Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FLA CIRRUS-PA15FLA Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
More results

Similar Description - PA15FL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com