Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ43CA Datasheet(PDF) 3 Page - Littelfuse

Part # SMCJ43CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCJ43CA Datasheet(HTML) 3 Page - Littelfuse

  SMCJ43CA Datasheet HTML 1Page - Littelfuse SMCJ43CA Datasheet HTML 2Page - Littelfuse SMCJ43CA Datasheet HTML 3Page - Littelfuse SMCJ43CA Datasheet HTML 4Page - Littelfuse SMCJ43CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: November 13, 2009
SMCJ Series
Surface Mount – 1500W > SMCJ series
Please refer to http://www.Littelfuse.com/series/SMCJ.html for current information.
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
1
10
100
0.000001
0.00001
0.0001
0.001
t
d-Pulse W idth (se c.)
0.31x0.31" (8.0x8.0mm)
Copper Pad Area
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
1
10
100
1000
10000
100000
1.0
10.0
100.0
1000.0
Tj=25C
f=1.0MHz
Vsig=50mVp-p
Uni-directional V=0V
Bi-directional V=0V
V
BR - Reverse Breakdown Voltage (V)
Bi-directional @V
R
Uni-directional @V
R
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
25
50
75
100
125
150
175
T
A - Ambient Temperature (ºC)
Figure 1 - Peak Pulse Power Rating
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Dissipation Derating
Curve
0
20
40
60
80
100
120
140
160
180
200
1
10
100
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only
0
20
40
60
80
100
0
25
50
75
100
125
150
175
T
A-Ambient temperature (ºC)
Figure 2 - Pulse Derating Curve


Similar Part No. - SMCJ43CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ43CA FAIRCHILD-SMCJ43CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Zowie Technology Corpor...
SMCJ43CA ZOWIE-SMCJ43CA Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMCJ43CA MDE-SMCJ43CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMCJ43CA HUAXINAN-SMCJ43CA Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SMCJ43CA RUILON-SMCJ43CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ43CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com