Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ45CA Datasheet(PDF) 5 Page - Littelfuse

Part # SMCJ45CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCJ45CA Datasheet(HTML) 5 Page - Littelfuse

  SMCJ45CA Datasheet HTML 1Page - Littelfuse SMCJ45CA Datasheet HTML 2Page - Littelfuse SMCJ45CA Datasheet HTML 3Page - Littelfuse SMCJ45CA Datasheet HTML 4Page - Littelfuse SMCJ45CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: November 13, 2009
SMCJ Series
Surface Mount – 1500W > SMCJ series
Please refer to http://www.Littelfuse.com/series/SMCJ.html for current information.
Part Numbering System
Packaging
Part number
Component
Package
Quantity
Packaging
Option
Packaging
Specification
Part Marking System
VOLTAGE
BI-DIRECTIONAL
5% VOLTAGE TOLERANCE
SERIES
SMCJ XXX C A
F
Marking Code
Littelfuse Logo
Cathode Band


Similar Part No. - SMCJ45CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ45CA FAIRCHILD-SMCJ45CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
GUANGDONG HOTTECH INDUS...
SMCJ45CA HOTTECH-SMCJ45CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMCJ45CA MDE-SMCJ45CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SHIKUES Electronics
SMCJ45CA SKTECHNOLGY-SMCJ45CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Ruilongyuan Electronics...
SMCJ45CA RUILON-SMCJ45CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ45CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com