Electronic Components Datasheet Search |
|
PA16 Datasheet(PDF) 1 Page - Cirrus Logic |
|
PA16 Datasheet(HTML) 1 Page - Cirrus Logic |
1 / 7 page PA16 • PA16A PA16U 1 P r o d u c t I n n o v a t i o n F r o m PA16, PA16A FEATURES ♦ HIGH POWER BANDWIDTH — 350kHz ♦ HIGH SLEW RATE — 20V/μs ♦ FAST SETTLING TIME — 600ns ♦ LOW CROSSOVER DISTORTION — Class A/B ♦ LOW INTERNAL LOSSES — 1.2V at 2A ♦ HIGH OUTPUT CURRENT — ±5A PEAK ♦ LOW INPUT BIAS CURRENT — FET Input ♦ ISOLATED CASE — 300 VDC APPLICATIONS ♦ MOTOR, VALVE AND ACTUATOR CONTROL ♦ MAGNETIC DEFLECTION CIRCUITS UP TO 5A ♦ POWER TRANSDUCERS UP TO 350 kHz ♦ AUDIO AMPLIFIERS UP TO 44W RMS R2 R3 R1 R5 R4 R8 R9 R10 R11 R12 R13 R14 R15 R6 R7 Q1 Q8 Q5 Q4 Q3 Q6 Q2 Q7 A1 D1 D2 4 2 1 6 8 12 10 EQUIVALENT SCHEMATIC DESCRIPTION The PA16 and PA16A are wideband, high output cur- rent operational amplifiers designed to drive resistive, inductive and capacitive loads. Their complementary “collector output” stage can swing close to the supply rails and is protected against inductive kickback. For optimum linearity, the output stage is biased for class A/B operation. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable, current limiting resistors (down to 10mA). Both amplifiers are internally compensated but are not recommended for use as unity gain followers. For continuous operation under load, mounting on a heatsink of proper rating is recommended. These hybrid integrated circuits utilize thick film (cer- met) resistors, ceramic capacitors and semiconductor chips to maximize reliability, minimize size and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The Power SIP package is electrically isolated. Power Operational Amplifiers PA16 • PA16A P r o d u c t I n n o v a t i o n F r o m Copyright © Cirrus Logic, Inc. 2009 (All Rights Reserved) www.cirrus.com NOV 2009 APEX − PA16REVI |
Similar Part No. - PA16 |
|
Similar Description - PA16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |