Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA93 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA93
Description  High Voltage Power Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA93 Datasheet(HTML) 5 Page - Cirrus Logic

  PA93_10 Datasheet HTML 1Page - Cirrus Logic PA93_10 Datasheet HTML 2Page - Cirrus Logic PA93_10 Datasheet HTML 3Page - Cirrus Logic PA93_10 Datasheet HTML 4Page - Cirrus Logic PA93_10 Datasheet HTML 5Page - Cirrus Logic PA93_10 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PA93
PA93U
5
P r o d u c t I n n o v a t i o n F r o m
®
SAFE OPERATING AREA (SOA)
TheMOSFEToutputstageofthispoweroperationalam-
plifierhastwodistinctlimitations:
1. ThecurrenthandlingcapabilityoftheMOSFETgeom-
etryandthewirebonds.
2. ThejunctiontemperatureoftheoutputMOSFETs.
NOTE: The output stage is protected against transient
flyback.However,forprotectionagainstsustained,high
energyflyback,externalfast-recoverydiodesshouldbe
used.
SAFE OPERATING CURVES
Thesafeoperatingareacurvesdefinethemaximumad-
ditionalinternalpowerdissipationtheamplifiercantoler-
ate when it produces the necessary output to drive an
externalload.
INPUT PROTECTION
AlthoughthePA93canwithstanddifferentialvoltagesup
to±20V,additionalexternalprotectionisrecommended.
Low leakage, low capacitance JFETs connected as di-
odesarerecommended(e.g.2N4416,Q1-Q4inFigure2).Thedifferen-
tialinputvoltagewillbeclampedto±1.4V.Thisissufficientoverdriveto
producemaximumpowerbandwidth.
POWER SUPPLY PROTECTION
Unidirectionalzenerdiodetransientsuppressorsarerecommendedas
protectiononthesupplypins.SeeFigure2.Thezenersclamptransients
tovoltageswithinthepowersupplyratingandalsoclamppowersupply
reversals to ground. Whether the zeners are used or not, the system
powersupplyshouldbeevaluatedfortransientperformanceincluding
power-onovershootandpower-offpolarityreversalsaswellaslineregu-
lation.
Conditionswhichcancauseopencircuitsorpolarityreversalsoneither
powersupplyrailshouldbeavoidedorprotectedagainst.Reversalsoropensonthenegativesupplyrailisknown
toinduceinputstagefailure.Unidirectionaltranszorbspreventthis,anditisdesirablethattheybebothelectrically
andphysicallyasclosetotheamplifieraspossible.
STABILITY
ThePA93isexternallycompensatedandperformancecanbetailoredtotheapplication.Usethegraphsofsmall
signalresponseandpowerresponseasaguide.ThecompensationcapacitorC
Cmustberatedat500Vworking
voltage.AnNPOcapacitorisrecommended.ThecompensationnetworkC
CRCmustbemountedcloselytotheam-
plifierpins4and5toavoidspuriousoscillation.
QUIESCENT CURRENT REDUCTION
Whenpin3(I
Q)isshortedtopin5(CC2)theABbiasingoftheoutputstageisdisabled.Thislowersquiescentpower
butalsoraisesdistortionsincetheoutputstageisthenclassCbiased.Theoutputstagebiascurrentisnominally
setat1mA.Pin3maybeleftopenifnotused.
SUPPLY TO OUTPUT DIFFERENTIAL, V
S – VO (V)
10
20
30 40
100
200 300
500
.1
.08
.06
.6
.4
.3
.2
.8
3
2
1
4
6
8
20
10
DC,T
C
= 125C
100mS
60 80
200mS
DC, T
C = 25C
DC,T
C
= 85C
SOA
+VS
–IN
+IN
Z1
Z2
11, 12
7, 8
1
2
6
PA93
Q1
Q2
–VS
Q3
Q4
FIGURE 2.
OVERVOLTAGE
PROTECTION


Similar Part No. - PA93_10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA93-27 CIRRUS-PA93-27 Datasheet
462Kb / 6P
   High Voltage Power Operational Amplifiers
PA93/27 CIRRUS-PA93/27 Datasheet
462Kb / 6P
   High Voltage Power Operational Amplifiers
More results

Similar Description - PA93_10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com