Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB178LX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB178LX
Description  VHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB178LX Datasheet(HTML) 2 Page - NXP Semiconductors

  BB178LX Datasheet HTML 1Page - NXP Semiconductors BB178LX Datasheet HTML 2Page - NXP Semiconductors BB178LX Datasheet HTML 3Page - NXP Semiconductors BB178LX Datasheet HTML 4Page - NXP Semiconductors BB178LX Datasheet HTML 5Page - NXP Semiconductors BB178LX Datasheet HTML 6Page - NXP Semiconductors BB178LX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BB178LX_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
2 of 7
NXP Semiconductors
BB178LX
VHF variable capacitance diode
4.
Marking
5.
Limiting values
6.
Characteristics
Table 3.
Marking codes
Type number
Marking code
BB178LX
L3
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
32
V
IF
forward current
-
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+125
°C
Table 5.
Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
see Figure 3
VR =30V
-
-
10
nA
VR =30V; Tj =85 °C
-
-
200
nA
rs
diode series resistance
f = 100 MHz at Cd =30pF;
see Figure 2
-
0.7
-
Cd
diode capacitance
f = 1 MHz; see Figure 1 and
Figure 4
VR = 1 V
34.65
-
42.35
pF
VR = 28 V
2.36
2.6
2.75
pF
Cd(1V)/Cd(2V)
diode capacitance ratio (1 V to 2 V)
f = 1 MHz
-
1.3
-
Cd(1V)/Cd(28V)
diode capacitance ratio (1 V to 28 V)
f = 1 MHz
13.5
15
-
Cd(25V)/Cd(28V) diode capacitance ratio (25 V to 28 V) f = 1 MHz
-
1.08
-
∆C
d/Cd
diode capacitance matching
VR = 1 V to 28 V; in sequence of
5 diodes (gliding)
--2
%


Similar Part No. - BB178LX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB178LX PHILIPS-BB178LX Datasheet
48Kb / 7P
   UHF variable capacitance diode
Rev. 01-14 April 2006
BB178LX NXP-BB178LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BB178LX JMNIC-BB178LX_15 Datasheet
55Kb / 7P
   UHF variable capacitance diode
BB178LX_2015 JMNIC-BB178LX_2015 Datasheet
55Kb / 7P
   UHF variable capacitance diode
More results

Similar Description - BB178LX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com