Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB179BLX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BB179BLX
Description  UHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB179BLX Datasheet(HTML) 1 Page - NXP Semiconductors

  BB179BLX Datasheet HTML 1Page - NXP Semiconductors BB179BLX Datasheet HTML 2Page - NXP Semiconductors BB179BLX Datasheet HTML 3Page - NXP Semiconductors BB179BLX Datasheet HTML 4Page - NXP Semiconductors BB179BLX Datasheet HTML 5Page - NXP Semiconductors BB179BLX Datasheet HTML 6Page - NXP Semiconductors BB179BLX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
The BB179BLX is a planar technology variable capacitance diode in a SOD882T
ultra small leadless plastic SMD package. The excellent matching performance is
achieved by gliding matching and a Direct Matching Assembly (DMA) procedure.
1.2 Features
I Excellent linearity
I Excellent matching to 2 % DMA
I Ultra small leadless SMD package
I Cd(28V) :2.1 pF; Cd(1V) to Cd(28V) ratio typical 9
I Low series resistance
1.3 Applications
I Voltage Controlled Oscillators (VCO)
I Electronic tuning in UHF television tuners
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
BB179BLX
UHF variable capacitance diode
Rev. 01 — 29 January 2009
Product data sheet
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
Transparent
top view
2
1
sym008
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BB179BLX
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.4 mm
SOD882T


Similar Part No. - BB179BLX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB179BLX NXP-BB179BLX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BB179BLX

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
   UHF variable capacitance diode
logo
NXP Semiconductors
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Sep 20
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
   UHF variable capacitance diode
1997 Dec 17
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
   UHF variable capacitance diode
1996 May 03
logo
Unisonic Technologies
BB179 UTC-BB179 Datasheet
114Kb / 2P
   UHF VARIABLE CAPACITANCE DIODE
logo
NXP Semiconductors
BB189 NXP-BB189 Datasheet
51Kb / 6P
   UHF variable capacitance diode
Rev. 01-8 June 2009
BB149 PHILIPS-BB149_04 Datasheet
43Kb / 7P
   UHF variable capacitance diode
Rev. 05-4 October 2004
BB135 PHILIPS-BB135 Datasheet
53Kb / 8P
   UHF variable capacitance diode
1998 Sep 15
BB149 PHILIPS-BB149 Datasheet
54Kb / 8P
   UHF variable capacitance diode
1998 Sep 15
BB159 PHILIPS-BB159 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Oct 03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com