Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3511 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic CS3511 Datasheet HTML 11Page - Cirrus Logic CS3511 Datasheet HTML 12Page - Cirrus Logic CS3511 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CS3511
DS845F1
9
DC ELECTRICAL CHARACTERISTICS
Test Conditions (unless otherwise specified): AGND = DGND = PGND = 0 V; All voltages with respect to ground;
TA = 25°C; VP = 12 V; RL =8 Ω full-bridge; GAIN1 = 0, GAIN0 = 1; Stereo Full-Bridge measurements taken
through the Full-Bridge Output Filter shown in Figure 4 on page 16.
DIGITAL INTERFACE SPECIFICATIONS
AGND = DGND = PGND = 0 V; All voltages with respect to ground; Unless otherwise specified.
Notes:
11. Levels between VIH and VIL are invalid. The transition period between VIH and VIL should not exceed tI.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
Sleep Supply Current
ICC(sleep)
SLEEP = VIH
-5.2
-
mA
SLEEP = VIH; no load, filter, or
snubber
-5.2
-
mA
Mute Supply Current
ICC(mute)
MUTE = VIH
-38-
mA
MUTE = VIH; no load, filter, or
snubber
-38-
mA
Quiescent Current
ICC
VIN = 0 V; SLEEP = VIL,
MUTE = VIL
-68-
mA
VIN = 0 V; SLEEP = VIL,
MUTE = VIL; no load, filter, or
snubber
-85-
mA
MOSFET On Resistance (each FET)
RDS(ON)
Id = 0.5 A, TJ =50°C
-
325
-
m
Ω
5VGEN Nominal Voltage
-
5.2
-
V
5VGEN DC current source
-
30
-
mA
REF Nominal Voltage
-1.2
-
V
BIASCAP Nominal Voltage
-
2.5
-
V
VP Under-Voltage Error Falling Trigger Point
VUVVPFALL
-7.56-
V
VP Under-Voltage Error Rising Trigger Point
VUVVPRISE
-8.08-
V
V5A Under-Voltage Error Falling Trigger Point
VUV5VFALL
-4.1
-
V
V5A Under-Voltage Error Rising Trigger Point
VUV5VRISE
-4.3
-
V
Charge Pump Under-Voltage Error Falling
Trigger Point
VUVCPFALL
-
1.55*VP
-
Charge Pump Under-Voltage Error Rising
Trigger Point
VUVCPRISE
-
1.62*VP
-
Parameters
Symbol
Min
Max
Units
High-Level Input Voltage (MUTE, SLEEP)
(Note 11)
VIH
V5D - 2
-
V
High-Level Input Voltage (GAIN1, GAIN0)
VIH
V5D - 0.8
-
V
Low-Level Input Voltage (MUTE, SLEEP, GAIN1, GAIN0) (Note 11)
VIL
-1
V
Transition Time Between VIH and VIL (MUTE, SLEEP)
(Note 11)
tI
-
500
ns
High-Level Output Voltage (STATUS)
IO =250 μA
VOH
V5D - 0.5
-
V
Low-Level Output Voltage (STATUS)
IO =250 μA
VOL
-0.5
V
Input Leakage Current (MUTE, SLEEP)
Iin
-±10
μA
Input Leakage Current (GAIN1, GAIN0)
Iin
-±300
μA


Similar Part No. - CS3511

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3511 CIRRUS-CS3511 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511-CNZ CIRRUS-CS3511-CNZ Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511-CNZR CIRRUS-CS3511-CNZR Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
More results

Similar Description - CS3511

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3511 CIRRUS-CS3511 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com