Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD3511-Q1 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CRD3511-Q1
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD3511-Q1 Datasheet(HTML) 4 Page - Cirrus Logic

  CRD3511-Q1 Datasheet HTML 1Page - Cirrus Logic CRD3511-Q1 Datasheet HTML 2Page - Cirrus Logic CRD3511-Q1 Datasheet HTML 3Page - Cirrus Logic CRD3511-Q1 Datasheet HTML 4Page - Cirrus Logic CRD3511-Q1 Datasheet HTML 5Page - Cirrus Logic CRD3511-Q1 Datasheet HTML 6Page - Cirrus Logic CRD3511-Q1 Datasheet HTML 7Page - Cirrus Logic CRD3511-Q1 Datasheet HTML 8Page - Cirrus Logic CRD3511-Q1 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CS3511
4
DS845F1
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
IN1+
IN1-
IN2+
IN2-
1
32
24
25
Differential Analog Input (Input) - Differential Audio Signal Inputs for channel 1 and channel 2.
V5D
2
Digital Power (Input) - Supply for digital logic. Connect to 5VGEN.
GAIN0
GAIN1
3
22
Gain (Input) - Gain select bits. GAIN0 is the least significant bit.
DGND
4
Digital Ground (Input) - Ground reference for the internal logic and digital I/O.
REF
5
Reference (Output) - Internal reference voltage.
SLEEP
6
Sleep (Input) - When set to logic high, device enters low power mode. If not used, this pin should be
grounded.
MUTE
7
Mute (Input) - When set to logic high, both amplifiers are muted and in Idle Mode. When low
(grounded), both amplifiers are fully operational. If not used, this pin should be grounded.
STATUS
8
Status (Output) - A logic high output indicates over-current or under-voltage condition, thermal over-
load, that an output is shorted to ground or to another output, that the device is in low power mode (the
SLEEP pin is high), or that the device is in reset. A logic low state indicates that the CS3511 is ready to
output audio.
Thermal Pad
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
IN2+
IN1+
Top-Down (Through Package) View
32-Pin QFN Package
V5D
GAIN0
DGND
REF
SLEEP
MUTE
STATUS
AGND
GAIN1
5VGEN
VP
DCAP
CPUMP
PGND


Similar Part No. - CRD3511-Q1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD3511-Q1 CIRRUS-CRD3511-Q1 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
More results

Similar Description - CRD3511-Q1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3511 CIRRUS-CS3511 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com