Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4226-BQ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4226-BQ
Description  Surround Sound Codec
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4226-BQ Datasheet(HTML) 5 Page - Cirrus Logic

  CS4226-BQ Datasheet HTML 1Page - Cirrus Logic CS4226-BQ Datasheet HTML 2Page - Cirrus Logic CS4226-BQ Datasheet HTML 3Page - Cirrus Logic CS4226-BQ Datasheet HTML 4Page - Cirrus Logic CS4226-BQ Datasheet HTML 5Page - Cirrus Logic CS4226-BQ Datasheet HTML 6Page - Cirrus Logic CS4226-BQ Datasheet HTML 7Page - Cirrus Logic CS4226-BQ Datasheet HTML 8Page - Cirrus Logic CS4226-BQ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
CS4226
DS188F4
5
ANALOG CHARACTERISTICS (Full Scale Input Sine wave, 990.52 Hz; Fs = 44.1 kHz (PLL in use);
Measurement Bandwidth is 20 Hz to 20 kHz, unless specified otherwise.)
Notes: 3. Referenced to typical full-scale differential input voltage (2Vrms).
4. Input resistance is for the input selected. Non-selected inputs have a very high (>1M
Ω) input resistance.
The input resistance will vary with gain value selected, but will always be greater than the min. value
specified
5. Filter characteristics scale with output sample rate.
6. The analog modulator samples the input at 5.6448 MHz for an output sample rate of 44.1 kHz. There is
no rejection of input signals which are multiples of the sampling frequency (n × 5.6448 MHz ±20.0 kHz
where n = 0,1,2,3...).
7. Group delay for Fs = 44.1 kHz, tgd = 15/44.1 kHz = 340 µs
Parameter
Symbol
CS4226-KQ/-KQZ
CS4226-BQ/-BQZ/-DQ
Units
Min
Typ
Max
Min
Typ
Max
Analog Input Characteristics - Minimum gain setting (0 dB) Differential Input; unless otherwise specified.
ADC Resolution
Stereo Audio channels
Mono channel
16
16
-
-
20
20
16
16
-
-
20
20
Bits
Bits
Total Harmonic Distortion
THD
0.003
-
0.003
-
%
Dynamic Range
(A weighted, Stereo)
(unweighted, Stereo)
(A weighted, Mono)
92
-
89
95
92
-
-
-
-
90
-
87
93
90
-
-
-
-
dB
dB
dB
Total Harmonic
-1 dB, Stereo
(Note 3)
Distortion + Noise -1 dB, Mono
(Note 1)
THD+N
-
-
-88
-
-82
-72
-
-
-86
-
-80
-70
dB
dB
Interchannel Isolation
-
90
-
-
90
-
dB
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Programmable Input Gain Span
8
9
10
8
9
10
dB
Gain Step Size
2.7
3
3.3
2.7
3
3.3
dB
Offset Error (with high pass filter)
-
-
0
-
-
0
LSB
Full Scale Input Voltage (Single Ended):
0.90
1.0
1.10
0.90
1.0
1.10
Vrms
Gain Drift
-
100
-
-
100
-
ppm/°C
Input Resistance
(Note 4)
10
-
-
10
-
-
k
Input Capacitance
-
-
15
-
-
15
pF
CMOUT Output Voltage
-
2.3
-
-
2.3
-
V
A/D Decimation Filter Characteristics
Passband
(Note 5)
0.02
-
20.0
0.02
-
20.0
kHz
Passband Ripple
-
-
0.01
-
-
0.01
dB
Stopband
(Note 5)
27.56
-
5617.2 27.56
-
5617.2
kHz
Stopband Attenuation
(Note 6)
80
-
-
80
-
-
dB
Group Delay (Fs = Output Sample Rate) (Note 7)
tgd
-
15/Fs
-
-
15/Fs
-
s
Group Delay Variation vs. Frequency
∆ tgd
--
0
-
-
0
µs


Similar Part No. - CS4226-BQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4226-BQ CIRRUS-CS4226-BQ Datasheet
1Mb / 60P
   Surround Sound Codec
More results

Similar Description - CS4226-BQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
logo
Wolfson Microelectronic...
WM9704Q WOLFSON-WM9704Q Datasheet
271Kb / 35P
   4-Channel Surround Sound Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
logo
STMicroelectronics
TDA7346 STMICROELECTRONICS-TDA7346 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED SURROUND SOUND MATRIX
February 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com