Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC846S
Description  NPN general purpose double transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC846S Datasheet(HTML) 3 Page - NXP Semiconductors

  BC846S Datasheet HTML 1Page - NXP Semiconductors BC846S Datasheet HTML 2Page - NXP Semiconductors BC846S Datasheet HTML 3Page - NXP Semiconductors BC846S Datasheet HTML 4Page - NXP Semiconductors BC846S Datasheet HTML 5Page - NXP Semiconductors BC846S Datasheet HTML 6Page - NXP Semiconductors BC846S Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Sep 01
3
NXP Semiconductors
Product data sheet
NPN general purpose double transistor
BC846S
THERMAL CHARACTERISTICS
Note
1.
Refer to SC-88 (SOT363) standard mounting conditions.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
416
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor
ICBO
collector cut-off current
IE = 0; VCB = 30 V
15
nA
IE = 0; VCB = 30 V; Tj = 150 °C
5
μA
IEBO
emitter cut-off current
IC = 0; VEB = 5 V
100
nA
hFE
DC current gain
IC = 2 mA; VCE = 5 V
110
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
100
mV
IC = 100 mA; IB = 5 mA; note 1
300
mV
VBEsat
base-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
770
mV
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
1.5
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V;
f = 100 MHz
100
MHz


Similar Part No. - BC846S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846S PHILIPS-BC846S Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Sep 01
logo
Diotec Semiconductor
BC846S DIOTEC-BC846S Datasheet
171Kb / 2P
   SMD General Purpose NPN Transistors
logo
Siemens Semiconductor G...
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
372Kb / 4P
   Dual NPN Small Signal Transistor 200mW
logo
Infineon Technologies A...
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
More results

Similar Description - BC846S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMX1 PHILIPS-PEMX1 Datasheet
47Kb / 8P
   NPN general purpose double transistor
2001 Nov 07
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
   NPN general purpose double transistor
1999 Apr 28
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
   NPN general purpose double transistor
logo
Nexperia B.V. All right...
PEMX1 NEXPERIA-PEMX1 Datasheet
178Kb / 7P
   NPN/NPN general purpose double transistor
29 December 2022
logo
NXP Semiconductors
BC846S PHILIPS-BC846S Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Sep 01
logo
Nexperia B.V. All right...
BC846S-Q NEXPERIA-BC846S-Q Datasheet
222Kb / 11P
   NPN general purpose double transistor
22 July 2021
logo
NXP Semiconductors
PUMX1 PHILIPS-PUMX1 Datasheet
43Kb / 8P
   NPN general purpose double transistor
1999 Apr 14
BC817DS PHILIPS-BC817DS Datasheet
66Kb / 8P
   NPN general purpose double transistor
2002 Nov 22
logo
Nexperia B.V. All right...
BC846S NEXPERIA-BC846S Datasheet
233Kb / 9P
   NPN general purpose double transistor
1 October 2022
BC847BV NEXPERIA-BC847BV Datasheet
191Kb / 8P
   NPN general purpose double transistor
27 December 2022
logo
NXP Semiconductors
BC817DS NXP-BC817DS Datasheet
135Kb / 7P
   NPN general purpose double transistor
2002 Nov 22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com